Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75421 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC75421
Description  Electronic Volume Controller for Cars
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75421 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC75421 Datasheet HTML 1Page - Sanyo Semicon Device LC75421 Datasheet HTML 2Page - Sanyo Semicon Device LC75421 Datasheet HTML 3Page - Sanyo Semicon Device LC75421 Datasheet HTML 4Page - Sanyo Semicon Device LC75421 Datasheet HTML 5Page - Sanyo Semicon Device LC75421 Datasheet HTML 6Page - Sanyo Semicon Device LC75421 Datasheet HTML 7Page - Sanyo Semicon Device LC75421 Datasheet HTML 8Page - Sanyo Semicon Device LC75421 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
No. 6866-3/24
LC75421M
Equivalent Circuit Block Diagram
LROUT
4
3
2
1
36
35
RROUT
RFOUT
RFIN
ROUT
1
µF
1
µF
0.15
µF
0.15
µF 3.7 kΩ
RSB
RBASS2
34
33
32
31
30
0.082
µF
0.082
µF
7.68 k
Ω
1500 pF
RBASS1
RTRE
RIN
RSELO
29
28
27
25
26
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
LFOUT
LFIN
LSB
LBASS2
LBASS1
LTRE
LIN
LSELO
0.15
µF
1500 pF
1
µF
0.15
µF
0.082
µF
0.082
µF
1
µF
LOUT
3.7 k
Ω
7.68 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com