Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75421 Datasheet(PDF) 17 Page - Sanyo Semicon Device

Part # LC75421
Description  Electronic Volume Controller for Cars
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75421 Datasheet(HTML) 17 Page - Sanyo Semicon Device

Back Button LC75421 Datasheet HTML 13Page - Sanyo Semicon Device LC75421 Datasheet HTML 14Page - Sanyo Semicon Device LC75421 Datasheet HTML 15Page - Sanyo Semicon Device LC75421 Datasheet HTML 16Page - Sanyo Semicon Device LC75421 Datasheet HTML 17Page - Sanyo Semicon Device LC75421 Datasheet HTML 18Page - Sanyo Semicon Device LC75421 Datasheet HTML 19Page - Sanyo Semicon Device LC75421 Datasheet HTML 20Page - Sanyo Semicon Device LC75421 Datasheet HTML 21Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
No. 6866-17/24
LC75421M
• Calculation example 2
Specification Set frequency: f = 10000 Hz
Gain during maximum boost: G + 11.9 dB = 11.9 dB
Let us use R1 = 11.030 k
Ω and R2 = 45.054 kΩ.
The above constants are inserted in the following formula.
R2
R12
+ (1 / ωC)2
C
=
R2
)2 – R12
1
2
πf
1011.9/20 – 1
(
=
1
2
π10000
45054
3.94–1
≠ 1500(pF)
(
)2 – 110302
G
= 20 × LOG
10
1
+
Setting
f = 10 kHz
f = 1 kHz
11.9 dB
11.92
0.00
10.2 dB
10.64
0.00
8.5 dB
9.17
0.00
6.8 dB
7.52
0.00
5.1 dB
5.74
0.00
3.4 dB
3.88
0.00
1.7 dB
1.96
0.00
Simulation Results



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com