Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC200103 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # DOC200103
Description  Specification, Hybrid TCXO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

DOC200103 Datasheet(HTML) 4 Page - Vectron International, Inc

  DOC200103 Datasheet HTML 1Page - Vectron International, Inc DOC200103 Datasheet HTML 2Page - Vectron International, Inc DOC200103 Datasheet HTML 3Page - Vectron International, Inc DOC200103 Datasheet HTML 4Page - Vectron International, Inc DOC200103 Datasheet HTML 5Page - Vectron International, Inc DOC200103 Datasheet HTML 6Page - Vectron International, Inc DOC200103 Datasheet HTML 7Page - Vectron International, Inc DOC200103 Datasheet HTML 8Page - Vectron International, Inc DOC200103 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SIZE
CODE IDENT NO.
UNSPECIFIED TOLERANCES
DWG NO.
REV.
SHEET
A
00136
N/A
DOC200103
C
4
in accordance with MIL-PRF-38534, as a minimum. Tabulated records are provided as a part
of the deliverable data package. Devices are handled in accordance with MIL-STD-1686 for
Class 1 devices.
3.4.4
Inspection. The inspection requirements of MIL-PRF-55310 apply to all devices delivered to
this document. Inspection conditions and standards are documented in accordance with the
Quality Assurance, ISO-9001 derived, System of QSP-90100.
3.4.5
Test. The Screening test matrix of Table 4 is tailored for selectable-combination testing to
eliminate costs associated with the development/maintenance of device-specific documentation
packages while maintaining performance integrity.
3.4.6
Marking. Device marking shall be in accordance with the requirements of MIL-PRF-55310.
3.4.7
Ruggedized COTS Design Implementation. Design Pedigree “D” devices (see ¶ 5.2) use the
same robust designs found in the other device pedigrees. They do not include the provisions of
traceability or the Class-qualified componentry noted in paragraphs 3.4.3 and 4.1.
4.
DETAIL REQUIREMENTS
4.1
Components
4.1.1
Crystals. Cultured quartz crystal resonators are used to provide the selected frequency for the
devices. Premium Q swept quartz is standard for all Class S level products because of its
superior radiation tolerance. For Class B level products, swept quartz is optional, as required
by the customer. In accordance with MIL-PRF-55310, the manufacturer has a documented
crystal element evaluation program.
4.1.2
Passive Components. Where possible, Established Reliability (ER) failure level R and S
passive components are employed. Otherwise, all components comply with the Element
Evaluation requirements of MIL-PRF-55310, Appendix B.
4.1.3
Class S Microcircuits. Microcircuits are procured from wafer lots that have passed MIL-PRF-
55310 Lot Acceptance Tests for Class S devices. The prescribed die carries a Class 2 ESDS
classification in accordance with MIL-PRF-38535. Although radiation testing is not performed
at the oscillator level, Design Pedigree Codes E and R versions of this TCXO are acceptable
for use in environments of up to 100 krads total dose by analysis of the individual components.
Sinewave devices are assembled with all bipolar semiconductors. ACMOS devices are
assembled with all bipolar semiconductors with the exception of the ACMOS chip used to
provide the CMOS output. An ACMOS die from a radiation tested and certified wafer lot will
be provided for all Class S versions of this TCXO. This microcircuit is certified for
100krad(Si) total ionizing dose (TID), RHA level R (2X minimum margin). NSC, as the
54ACT designer, rates the SEU LET at >40 MeV and SEL at >120MeV for the FACT™
family (AN-932). Our wafer testing does not include these parameters and determinations, but



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com