Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC200103 Datasheet(PDF) 7 Page - Vectron International, Inc

Part # DOC200103
Description  Specification, Hybrid TCXO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

DOC200103 Datasheet(HTML) 7 Page - Vectron International, Inc

Back Button DOC200103 Datasheet HTML 3Page - Vectron International, Inc DOC200103 Datasheet HTML 4Page - Vectron International, Inc DOC200103 Datasheet HTML 5Page - Vectron International, Inc DOC200103 Datasheet HTML 6Page - Vectron International, Inc DOC200103 Datasheet HTML 7Page - Vectron International, Inc DOC200103 Datasheet HTML 8Page - Vectron International, Inc DOC200103 Datasheet HTML 9Page - Vectron International, Inc DOC200103 Datasheet HTML 10Page - Vectron International, Inc DOC200103 Datasheet HTML 11Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SIZE
CODE IDENT NO.
UNSPECIFIED TOLERANCES
DWG NO.
REV.
SHEET
A
00136
N/A
DOC200103
C
7
(X) Engineering Model (EM)
(Z) Commercial Model (CM)
5.2
Optional Design, Test and Data Parameters. The following is a list of design, assembly,
inspection and test options that can be selected or added by purchase order request.
a. Design Pedigree (choose one as the 5
th character in the part number):
(E) Class S components, Enhanced Element Evaluation, Swept Quartz
(R) Class S components, Swept Quartz
(B) Class B components, Swept Quartz
(C) Class B components, Cultured Quartz
(D) COTS components, Cultured Quartz
b. Input Voltage as the 15
th character
c. Frequency-Temperature Slew Test
d. Radiographic Inspection
e. Group C Inspection: MIL-PRF-55310 (requires 8 pc. sample)
f. Group C Inspection: MIL-PRF-38534 (requires 8 pc. sample – 5 pc. Life, 3 pc. RGA)
g. Internal Water-Vapor Content (RGA) samples and test performance
h. MTBF Reliability Calculations
i. Worst Case/Derating Analysis
j. Deliverable Process Identification Documentation (PID)
k. Customer Source Inspection (pre-cap / final)
5.3
Test Conditions. Unless otherwise stated herein, inspections are performed in accordance with
those specified in MIL-PRF-55310. Process travelers identify the applicable methods,
conditions and procedures to be used. Examples of electrical test procedures that correspond to
MIL-PRF-55310 requirements are shown in Table 3.
5.4
Deliverable Data. The manufacturer supplies the following data, as a minimum, with each lot
of devices:
a. Completed assembly and screening lot travelers, including rework history.
b. Electrical test variables data, identified by unique serial number.
c. Frequency-Temperature Slew plots, Radiographic data, Group C data and RGA data as
required by purchase order.
5.5
Discrepant Material. All MRB authority resides with the procuring activity.
5.6
Failure Analysis. Any catastrophic failure (no output, no input current) at Post Burn-In or after
will be evaluated for root cause. The customer will be notified after occurrence and upon
completion of the evaluation.
6.
PREPARATION FOR DELIVERY
6.1
Packaging. Devices will be packaged in a manner that prevents handling and transit damage
during shipping. Devices will be handled in accordance with MIL-STD-1686 for Class 1
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com