Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC200103 Datasheet(PDF) 9 Page - Vectron International, Inc

Part # DOC200103
Description  Specification, Hybrid TCXO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

DOC200103 Datasheet(HTML) 9 Page - Vectron International, Inc

Back Button DOC200103 Datasheet HTML 5Page - Vectron International, Inc DOC200103 Datasheet HTML 6Page - Vectron International, Inc DOC200103 Datasheet HTML 7Page - Vectron International, Inc DOC200103 Datasheet HTML 8Page - Vectron International, Inc DOC200103 Datasheet HTML 9Page - Vectron International, Inc DOC200103 Datasheet HTML 10Page - Vectron International, Inc DOC200103 Datasheet HTML 11Page - Vectron International, Inc DOC200103 Datasheet HTML 12Page - Vectron International, Inc DOC200103 Datasheet HTML 13Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SIZE
CODE IDENT NO.
UNSPECIFIED TOLERANCES
DWG NO.
REV.
SHEET
A
00136
N/A
DOC200103
C
9
7.2
Optional Design, Test and Data Parameters. Test and documentation requirements above that
of the standard high reliability model shall be specified by separate purchase order line items
(as listed in ¶ 5.2c thru k).
1/. All unassigned pins have no internal connections or ties.
TABLE 1 - Item Identification and Package Outline
PIN I/O 1/
HI-REL
STANDARD
MODEL #
PACKAGE
OUTPUT
Vcc
Out
Gnd/Case
EFC
MECHANIC
AL
OUTLINE
2101
24 Pin DDIP
CMOS
24
13
12
1
FIGURE 1
2102
32 Lead Flatpack
CMOS
11, 13
12
5
4
FIGURE 2
2103
24 Lead Flatpack
CMOS
24
13
12
1
FIGURE 3
2104
14 Lead Flatpack
CMOS
2
13
1, 3, 7, 12, 14
6
FIGURE 4
2111
24 Pin DDIP
Sine
24
13
12
1
FIGURE 1
2112
32 Lead Flatpack
Sine
11, 13
12
5
4
FIGURE 2
2113
24 Lead Flatpack
Sine
24
13
12
1
FIGURE 3
2114
14 Lead Flatpack
Sine
2
13
7, 14
6
FIGURE 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com