Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC200103 Datasheet(PDF) 10 Page - Vectron International, Inc

Part # DOC200103
Description  Specification, Hybrid TCXO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

DOC200103 Datasheet(HTML) 10 Page - Vectron International, Inc

Back Button DOC200103 Datasheet HTML 6Page - Vectron International, Inc DOC200103 Datasheet HTML 7Page - Vectron International, Inc DOC200103 Datasheet HTML 8Page - Vectron International, Inc DOC200103 Datasheet HTML 9Page - Vectron International, Inc DOC200103 Datasheet HTML 10Page - Vectron International, Inc DOC200103 Datasheet HTML 11Page - Vectron International, Inc DOC200103 Datasheet HTML 12Page - Vectron International, Inc DOC200103 Datasheet HTML 13Page - Vectron International, Inc DOC200103 Datasheet HTML 14Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SIZE
CODE IDENT NO.
UNSPECIFIED TOLERANCES
DWG NO.
REV.
SHEET
A
00136
N/A
DOC200103
C
10
1/. Waveform measurement points and logic limits are in accordance with MIL-PRF-55310.
2/. Tested with 2 CMOS loads.
TABLE 2 - Electrical Performance Characteristics
TABLE 2A - Electrical Performance Characteristics
TABLE 2B - Electrical Performance Characteristics
TABLE 2C - Electrical Performance Characteristics
Models 2101, 2102, 2103, 2104
Supply Voltage Options1/: +3.3V or +5V
Frequency
Range
(MHz)
Current (mA)
(max, no load)
5.25V | 3.465V
Rise / Fall
Times
(ns max.)2/
Duty Cycle
(%)
Max CMOS
Loads
5.25V
| 3.465V
0.300 - 100
50
35
5
40 to 60
10
5
Model 2111
Supply Voltage Options: +5V, +12V or +15V
Frequency
Range
(MHz)
Current (mA)
(max, no load)
5V |12V/15V
Min Power Out
(dBm)
5V | 12V/15V
Harmonics/
Subharmonics
(>75MHz)
(dBc)
Spurious
(dBc)
10 - 225
20
35
+3
+7
<-20
<-70
Models 2112, 2114
Supply Voltage Options: +5V, +12V or +15V
Frequency
Range
(MHz)
Current (mA)
(max, no load)
5V
|12V/15V
Min Power Out
(dBm)
5V |12V/15V
Harmonics/
Subharmonics
(>75MHz)
(dBc)
Spurious
(dBc)
10 - 150
20
35
+3
+7
<-20
<-70
Model 2113
Supply Voltage Options: +12V or +15V
Frequency
Range
(MHz)
Current (mA)
(max, no load)
12V
| 15V
Min Power Out
(dBm)
12V
| 15V
Harmonics/
Subharmonics
(>75MHz)
(dBc)
Spurious
(dBc)
10 - 425
25
35
+5
+7
<-20
<-70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com