Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC200103 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # DOC200103
Description  Specification, Hybrid TCXO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

DOC200103 Datasheet(HTML) 3 Page - Vectron International, Inc

  DOC200103 Datasheet HTML 1Page - Vectron International, Inc DOC200103 Datasheet HTML 2Page - Vectron International, Inc DOC200103 Datasheet HTML 3Page - Vectron International, Inc DOC200103 Datasheet HTML 4Page - Vectron International, Inc DOC200103 Datasheet HTML 5Page - Vectron International, Inc DOC200103 Datasheet HTML 6Page - Vectron International, Inc DOC200103 Datasheet HTML 7Page - Vectron International, Inc DOC200103 Datasheet HTML 8Page - Vectron International, Inc DOC200103 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SIZE
CODE IDENT NO.
UNSPECIFIED TOLERANCES
DWG NO.
REV.
SHEET
A
00136
N/A
DOC200103
C
3
3.2
Item Identification. External packaging choices are either metal flatpacks or DDIP with either
Sinewave or CMOS logic output. Unique Model Number Series’ are utilized to identify device
package configurations and output waveform as listed in Table 1.
3.3
Absolute Maximum Ratings.
a. Supply Voltage Range (VCC):
-0.5Vdc to +7.0Vdc (CMOS)
b. Storage Temperature Range (TSTG):
-65°C to +125°C
c. Junction Temperature (TJ):
+175°C
d. Lead Temperature (soldering, 10 seconds):
+300°C
e. Output Source/Sink Current
±50 mA
3.4
Design, Parts, Materials and Processes, Assembly, Inspection and Test.
3.4.1
Design. The ruggedized designs implemented for these devices are proven in military and
space applications under extreme environments. All designs utilize a 4-point crystal mount.
When Class S is specified, a radiation tolerance of 100krad (Si) (RHA level R) is included
without altering the device’s internal topography. For all Class S and Class B products,
components meet the Element Evaluation requirements of MIL-PRF-55310, Appendix B. If
Design Pedigree Code “E” is chosen, Enhanced Element Evaluation per Appendix A will be
performed.
3.4.1.1 Design and Configuration Stability. Barring changes to improve performance by reselecting
passive chip component values to offset component tolerances, there will not be fundamental
changes to the design or assembly or parts, materials and processes after first product delivery
of that item without written approval from the procuring activity.
3.4.1.2 Environmental Integrity. Designs have passed the environmental qualification levels of MIL-
PRF-55310. These designs have also passed extended dynamic levels of at least:
Sine Vibration: MIL-STD-202, Method 204, Condition G (30g pk.)
Random Vibration: MIL-STD-202, Method 214, Condition II-J (43.92g rms)
Mechanical Shock: MIL-STD-202, Method 213, Condition F (1500g, 0.5ms)
3.4.2
Prohibited Parts, Materials and Processes. The items listed are prohibited for use in high
reliability devices produced to this specification.
a. Gold metallization of package elements without a barrier metal.
b. Zinc chromate as a finish.
c. Cadmium, zinc, or pure tin external or internal to the device.
d. Plastic encapsulated semiconductor devices.
e. Ultrasonically cleaned electronic parts.
f. Heterojunction Bipolar Transistor (HBT) technology.
3.4.3
Assembly. Manufacturing utilizes standardized procedures, processes and verification
methods to produce MIL-PRF-55310 Class S / MIL-PRF-38534 Class K equivalent devices.
MIL-PRF-38534 Group B Option 1 in-line inspection is included on radiation hardened part
numbers to further verify lot pedigree. Traceability of all components and production lots are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com