Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC200103 Datasheet(PDF) 12 Page - Vectron International, Inc

Part # DOC200103
Description  Specification, Hybrid TCXO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

DOC200103 Datasheet(HTML) 12 Page - Vectron International, Inc

Back Button DOC200103 Datasheet HTML 8Page - Vectron International, Inc DOC200103 Datasheet HTML 9Page - Vectron International, Inc DOC200103 Datasheet HTML 10Page - Vectron International, Inc DOC200103 Datasheet HTML 11Page - Vectron International, Inc DOC200103 Datasheet HTML 12Page - Vectron International, Inc DOC200103 Datasheet HTML 13Page - Vectron International, Inc DOC200103 Datasheet HTML 14Page - Vectron International, Inc DOC200103 Datasheet HTML 15Page - Vectron International, Inc DOC200103 Datasheet HTML 16Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
SIZE
CODE IDENT NO.
UNSPECIFIED TOLERANCES
DWG NO.
REV.
SHEET
A
00136
N/A
DOC200103
C
12
SCREENING & TESTING OPTIONS
Option Code
S
C
B
X
Z
Screening
(By Class Similarity)
Mil-PRF-55310
Class ‘S’
Mil-PRF-55310
Class ‘B’ modified
Mil-PRF-55310
Class ‘B’
Engineering
Model (EM)
Commercial
Model (CM)
Non-Destruct Wire
Bond Pull
100%
N/A
N/A
N/A
N/A
Internal Visual
M883, Method 2017
for Class ‘S’
M883, Method 2017
for Class ‘B’
M883, Method 2017
for Class ‘B’
M883, Method
2017 for Class
‘B’
AQL Sample
Stabilization Bake
48 hrs min @
+150°C
48 hrs min @
+150°C
48 hrs min @
+150°C
24 hrs min @
+150°C
24 hrs min @
+150°C
Thermal Shock
M883, Method 1011,
TC ‘A’
N/A
N/A
N/A
N/A
Temperature
Cycling
M883, Method 1010,
TC ‘B’
M883, Method 1010,
TC ‘B’
M883, Method 1010,
TC ‘B’
N/A
N/A
Constant
Acceleration
M883, Method 2001,
TC ‘A’ (5000 g, Y1
Axis only)
M883, Method 2001,
TC ‘A’ (5000 g, Y1
Axis only)
M883, Method 2001,
TC ‘A’ (5000 g, Y1
Axis only)
N/A
N/A
Seal Test
(fine & gross)
100%
100%
100%
100%
AQL Sample
PIND
M883, Method 2020,
TC ‘B’
M883, Method 2020,
TC ‘B’
N/A
N/A
N/A
Electrical Test
Frequency,
Output levels,
Input Current
@ +25°C only
@ +25°C only
@ +25°C only
@ +25°C only
@ +25°C only
Burn-In
(Powered with load)
+125°C for 240 hours
+125°C for 160 hours
+125°C for 160 hours
N/A
N/A
Electrical Test
Frequency,
Output levels,
Input Current
@ +25°C & Temp
Extremes
@ +25°C & Temp
Extremes
@ +25°C & Temp
Extremes
N/A
N/A
PDA
2% applies to Input
Current @ +25°C
10% applies to Input
Current @ +25°C
10% applies to Input
Current @ +25°C
N/A
N/A
Radiographic
M883, Method 2012
N/A
N/A
N/A
N/A
Group ‘A’ Inspection
100%
Sample per
Mil-PRF-55310
Sample per
Mil-PRF-55310
N/A
N/A
Group ‘B’ Inspection
(30 day Aging @
+70°C)
100%
Sample per
Mil-PRF-55310
Sample per
Mil-PRF-55310
N/A
N/A
TABLE 4 - Screening & Test Matrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com