Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC200103 Datasheet(PDF) 8 Page - Vectron International, Inc

Part # DOC200103
Description  Specification, Hybrid TCXO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

DOC200103 Datasheet(HTML) 8 Page - Vectron International, Inc

Back Button DOC200103 Datasheet HTML 4Page - Vectron International, Inc DOC200103 Datasheet HTML 5Page - Vectron International, Inc DOC200103 Datasheet HTML 6Page - Vectron International, Inc DOC200103 Datasheet HTML 7Page - Vectron International, Inc DOC200103 Datasheet HTML 8Page - Vectron International, Inc DOC200103 Datasheet HTML 9Page - Vectron International, Inc DOC200103 Datasheet HTML 10Page - Vectron International, Inc DOC200103 Datasheet HTML 11Page - Vectron International, Inc DOC200103 Datasheet HTML 12Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SIZE
CODE IDENT NO.
UNSPECIFIED TOLERANCES
DWG NO.
REV.
SHEET
A
00136
N/A
DOC200103
C
8
7.
ORDERING INFORMATION
7.1
Ordering Part Number. The ordering part number is made up of an alphanumeric series
of 16 characters. Design-affected product options, identified by the parenthetic letter on
the Optional Parameters list (¶ 5.2a and b), are included within the device part number.
The Part Number breakdown is described as:
2101 R 100M0000 E B S
7.1.1
Model Number. The device model number is the four (4) digit number assigned to a
corresponding package and output combination per Table 1.
7.1.2
Design Pedigree. Class S designs correspond to letters “E” and “R” and are described in
paragraph 5.2a. Class B variants correspond to either letter “B” or “C” and are described in
paragraph 5.2a. Ruggedized COTS, using commercial grade components, correspond to letter
“D”.
7.1.2.1 Input Voltage. Voltage is the 15
th character. Voltage availability is dependant on platform.
7.1.3
Output Frequency. The nominal output frequency is expressed in the format as specified in
MIL-PRF-55310 utilizing eight (8) characters.
7.1.4
Screening Options. The 16
th character is the Screening Option selected from Table 4.
Model # (Table 1)
Input Voltage
A = +3.3V
B = +5V
C = +12V
D = +15V
Design Pedigree
E = Class S Components,
Enhanced Element Evaluation
Swept Quartz
R = Class S Components,
Swept Quartz
B = Class B Components,
Swept Quartz
C = Class B Components,
Cultured Quartz
D = Ruggedized COTS: Cultured
Quartz, Commercial Grade
Components
Temperature Stability
A = ±0.5ppm, 0°C to +50°C
B = ±1ppm, 0°C to +50°C
D = ±1ppm, 0°C to +70°C
F = ±2ppm, 0°C to +70°C
I = ±5ppm, 0°C to +70°C
K = ±1ppm, -20°C to +70°C
M = ±2ppm, -20°C to +70°C
R = ±5ppm, -20°C to +70°C
V = ±4ppm, -40°C to +85°C
W = ±5ppm, -40°C to +85°C
Y = ±10ppm, -55°C to +105°C
Screening Option
per Table 4, 5.1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com