Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC200103 Datasheet(PDF) 18 Page - Vectron International, Inc

Part # DOC200103
Description  Specification, Hybrid TCXO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

DOC200103 Datasheet(HTML) 18 Page - Vectron International, Inc

Back Button DOC200103 Datasheet HTML 12Page - Vectron International, Inc DOC200103 Datasheet HTML 13Page - Vectron International, Inc DOC200103 Datasheet HTML 14Page - Vectron International, Inc DOC200103 Datasheet HTML 15Page - Vectron International, Inc DOC200103 Datasheet HTML 16Page - Vectron International, Inc DOC200103 Datasheet HTML 17Page - Vectron International, Inc DOC200103 Datasheet HTML 18Page - Vectron International, Inc DOC200103 Datasheet HTML 19Page - Vectron International, Inc DOC200103 Datasheet HTML 20Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
SIZE
CODE IDENT NO.
UNSPECIFIED TOLERANCES
DWG NO.
REV.
SHEET
A
00136
N/A
DOC200103
C
18
MICROCIRCUIT ENHANCED ELEMENT EVALUATION
Subgroup
Class
Test
Mil-STD-883
Quantity
Mil-PRF-
38534
Reference
K
Method
Condition
(accept number)
Paragraph
1
X
Element Electrical
A. May perform at wafer level
B. All failures shall be removed
from the lot
C. Perform at room ambient
100%
C.3.3.1
2
X
Element Visual
2010
100%
C.3.3.2
3
X
Internal Visual
2010
10(0) or 22(0)
(See Notes 1 & 2)
C.3.3.3
C.3.3.4.2
4
X
Temperature Cycling
1010
C
C.3.3.3
X
Mechanical Shock
or
Constant Acceleration
2002
2001
B, Y1
direction
3,000 G, Y1
direction
10(0)
22(0)
(See Notes 1 & 2)
X
Interim Electrical
C.3.3.4.3
X
Burn-In
1015
240 hours
minimum at
+125°C
X
Post Burn-In Electrical
C.3.3.4.3
X
Steady State Life
1005
X
Final Electrical
C.3.3.4.3
5
X
Wire Bond Evaluation
2011
10(0) wires or
20(1) wires
C.3.3.3
C.3.3.5
6
X
SEM
2018
See method 2018
& Note 2
C.3.3.6
NOTES:
1. Subgroups 3, 4, & 5 shall be performed on a sample of 10 die if the wafer lot is from a QPL/QML line. If the die are from
commercial wafer lots, then the sample size shall be 22 die. Die from QPL/QML wafers not meeting the QPL/QML
requirements and downgraded to commercial grade shall not be used.
2. Subgroups 3, 4 & 5 shall be performed in the order listed in Table 1. Subgroup 6 may be performed at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com