Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC200103 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # DOC200103
Description  Specification, Hybrid TCXO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

DOC200103 Datasheet(HTML) 5 Page - Vectron International, Inc

  DOC200103 Datasheet HTML 1Page - Vectron International, Inc DOC200103 Datasheet HTML 2Page - Vectron International, Inc DOC200103 Datasheet HTML 3Page - Vectron International, Inc DOC200103 Datasheet HTML 4Page - Vectron International, Inc DOC200103 Datasheet HTML 5Page - Vectron International, Inc DOC200103 Datasheet HTML 6Page - Vectron International, Inc DOC200103 Datasheet HTML 7Page - Vectron International, Inc DOC200103 Datasheet HTML 8Page - Vectron International, Inc DOC200103 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SIZE
CODE IDENT NO.
UNSPECIFIED TOLERANCES
DWG NO.
REV.
SHEET
A
00136
N/A
DOC200103
C
5
by design similarity. A copy of the parts list and materials can be provided for customer
review upon request.
4.1.3.1 Class B Microcircuits. When specified, microcircuits assembled into Pedigree Codes B and C
devices (¶ 5.2a) are procured from wafer lots that have passed MIL-PRF-55310 element
evaluations for Class B devices.
4.1.4
Packages. Packages are procured that meet the construction, lead materials and finishes as
specified in MIL-PRF-55310. Package lots are upscreened in accordance with the
requirements of MIL-PRF-38534 as applicable.
4.1.5
Traceability. Class S active device lots are homogenous and traceable to the manufacturer’s
individual wafer. Swept Quartz Crystals are traceable to the quartz bar and the processing
details of the autoclave lot, as applicable. All other elements and materials are traceable to
their incoming inspection lots. Manufacturing lot and date code information shall be recorded,
by TCXO serial number, of every component and all materials used in the manufacture of that
TCXO. All semiconductors used in the manufacture of a given production lot of TCXOs shall
be from the same wafer and have the same manufacturing lot date code. A production lot, as
defined by Vectron, is all oscillators that have been kitted and assembled as a single group.
After the initial kitting and assembly, this production lot may be divided into multiple sublots
to facilitate alignment and test capacity and may be sealed at multiple times within a 13 week
window.
4.2
Mechanical.
4.2.1
Package Outline. Table 1 links each Hi-Rel Standard Model Number of this specification to a
corresponding package style. Mechanical Outline information of each package style is found
in the referenced Figure.
4.2.2
Thermal Characteristics. Because these TCXOs are multichip hybrid designs, the actual θjc to
any one given semiconductor die will vary, but the combined average for all active devices
results in a θjc of approximately 40°C/W. The typical die temperature rise at any one given
semiconductor is 2°C to 4°C. With the oscillator operating at +125°C, the average junction
temperature is approximately +129°C and under no circumstance will it ever exceed the
maximum manufacturer’s rated junction temperature of +150°C.
4.3
Electrical.
4.3.1
Input Power. CMOS devices are designed for 3.3 or 5.0 volt dc operation, ±5%. Sinewave
devices are designed for 5.0, 12.0 or 15.0 volt dc operation, ±5%.
4.3.2
Temperature Range. Operating range is IAW the chosen temperature stability code.
4.3.3
Frequency Tolerance. Temperature stability includes initial accuracy at +25°C (with EFC),
load ±10% and supply ±5%. All devices include an EFC pin and the external frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com