Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5050 Datasheet(PDF) 7 Page - ams AG

Part # AS5050
Description  Low Power 10-Bit Magnetic Rotary Encoder
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050 Datasheet(HTML) 7 Page - ams AG

Back Button AS5050 Datasheet HTML 3Page - ams AG AS5050 Datasheet HTML 4Page - ams AG AS5050 Datasheet HTML 5Page - ams AG AS5050 Datasheet HTML 6Page - ams AG AS5050 Datasheet HTML 7Page - ams AG AS5050 Datasheet HTML 8Page - ams AG AS5050 Datasheet HTML 9Page - ams AG AS5050 Datasheet HTML 10Page - ams AG AS5050 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.austriamicrosystems.com
Revision 1.12
7 - 22
AS5050
Datasheet - Detailed Descr i p ti on
7.1.2 Reading an Angle
The external microcontroller can respond to the INT request by reading the angle value from the AS5050 over the SPI interface. Once the angle
value is read, the INT output is cleared again.
Sending a “read angle” command by the SPI interface also automatically powers up the chip and starts another angle measurement. As soon ad
the microcontroller has completed reading of the angle value, the INT output is cleared and a new result is stored in the angle register. The
completion of the angle measurement is again indicated by setting the INT output and a corresponding flag in the status register.
Reducing the Angle Jitter. Due to the measurement principle of the chip, only a single angle measurement is performed in very short time
(~600µs) after each power-up sequence. As soon as the measurement of one angle is completed, the chip suspends to power-down state. An
on-chip filtering of the angle value by digital averaging is not implemented, as this would require more than one angle measurement and
consequently, a longer power- up time which is not desired in low-power applications.
The angle jitter can be reduced by averaging of several angle samples in the external microcontroller. For example, an averaging of 4 samples
reduces the jitter by 6dB (50%).
7.1.3 Low Power Mode
After completing the readout of an angle value, the device is in very low power condition. The AS5050 remains in sleep mode until it receives
another angle reading request over the SPI interface. The average power consumption therefore depends on the interval, at which the external
controller reads an angle over the SPI Interface. The timing ratio between active and sleep phase:
(EQ 1)
Where:
ton = Minimum on-time for power-up and angle measurement
600µs
toff = Pause interval between measurements, determined by the polling rate of the external microcontroller
Ion = Current consumption in active mode
8mA avg.
Ioff = Current consumption in sleep mode
3µA
Examples:
3000 measurements per second (continuous mode)
I = 8mA
1000 measurements per second
Iavg = 5mA
100 measurements per second
Iavg = 500µA
10 measurements per second
Iavg = 53µA
Note:
Even in low power mode, the power supply must be capable of supporting the active current at least for the time Ton, until the AS5050
is suspended to sleep mode.
7.1.4 Interrupt Chaining
Every chip contains a configurable gate to combine its own internally generated interrupt signal with a signal applied externally over the XENINT-
pin. The INT-mode register is preset via an OTP register can be overwritten by the SPI interface.
Case A.
Device A is set to mode 0
Device B is set to mode 0
The micro controller recognizes an interrupt if both devices signalize that the computation is finished.
Case B.
Device A is set to mode 0
Device B is set to mode 1
The micro controller recognizes an interrupt if one of the two devices signalize that the computation is finished.
off
on
off
off
on
on
avg
t
t
I
t
I
t
I
+
∗
+
∗
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com