Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5050 Datasheet(PDF) 6 Page - ams AG

Part # AS5050
Description  Low Power 10-Bit Magnetic Rotary Encoder
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050 Datasheet(HTML) 6 Page - ams AG

Back Button AS5050 Datasheet HTML 2Page - ams AG AS5050 Datasheet HTML 3Page - ams AG AS5050 Datasheet HTML 4Page - ams AG AS5050 Datasheet HTML 5Page - ams AG AS5050 Datasheet HTML 6Page - ams AG AS5050 Datasheet HTML 7Page - ams AG AS5050 Datasheet HTML 8Page - ams AG AS5050 Datasheet HTML 9Page - ams AG AS5050 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.austriamicrosystems.com
Revision 1.12
6 - 22
AS5050
Datasheet - Detailed Descr i p ti on
7 Detailed Description
User Programming.
The AS5050 does not require any programming by the user. A dedicated on-chip zero position programming is not implemented. If a zero
position programming is required, it is recommended to store the zero position offset in the host controller.
7.1 Operating Modes
Typical Application.
The AS5050 requires only a few external components in order to operate immediately when connected to the host microcontroller. Only 6 wires
are needed for a simple application using a single power supply: two wires for power and four wires for the SPI communication. A seventh
connection can be added in order to send an interrupt to the host CPU to inform that a new valid angle can be read.
Figure 3. Typical Application Using SPI 4-Wire Mode and INT/ Output
Upon power-up, the AS5050 performs a full power-up sequence including one angle measurement. The completion of this cycle is indicated at
the INT/ output pin and the angle value is stored in an internal register. Once this output is set, the AS5050 suspends to sleep mode.
7.1.1 Power Supply Filter
Due to the sequential internal sampling of the Hall sensors, fluctuations on the analog power supply (pin#12: VDD) may cause additional jitter of
the measured angle. This jitter can be avoided by providing a stable VDD supply.
The easiest way to achieve that is to add a RC filter: 15
Ω + 4.7µF in the power supply line as shown in Figure 3.
Alternatively, a filter: 33
Ω + 2.2µF may be used. However with this configuration, the minimum supply voltage is 3.15V.
µC
Interrupt
Supply: peripherals
4µ7
DC 3. 0 ~3.6V
DC1.8~3.6V
SPI
Interface
VDD
VDDp
VDD
VSS
INT/
MOSI
SCK
Hall Sensors
AS5050
MISO
SS/
Wire
mode
EN_INT/
ADC
SPI Interface
Cordic
VDDp
VDDp
100n
Test_coil
15ohm
Power Management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com