Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5050 Datasheet(PDF) 9 Page - ams AG

Part # AS5050
Description  Low Power 10-Bit Magnetic Rotary Encoder
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050 Datasheet(HTML) 9 Page - ams AG

Back Button AS5050 Datasheet HTML 5Page - ams AG AS5050 Datasheet HTML 6Page - ams AG AS5050 Datasheet HTML 7Page - ams AG AS5050 Datasheet HTML 8Page - ams AG AS5050 Datasheet HTML 9Page - ams AG AS5050 Datasheet HTML 10Page - ams AG AS5050 Datasheet HTML 11Page - ams AG AS5050 Datasheet HTML 12Page - ams AG AS5050 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.austriamicrosystems.com
Revision 1.12
9 - 22
AS5050
Datasheet - Detailed Descr i p ti on
7.2.3 Write Data Package (Value Written to AS5050)
The write frame is compatible to the read frame and contains two additional bits, the don’t care and parity flag.
If the previous command was a write command a second package has to be transmitted.
7.2.4 Register Block
Table 8. Write Package
Bit
MSB
14
13
12
11
10
9
8
7
6
5
4
3
2
1
LSB
Data <13:0>
Don’t care
PAR
Bit
Description
Data
14-bit data to write to former selected address
PAR
Parity bit (EVEN)
Table 9. Register Block
Register
Bit
Mode
Reset Value
Bit
Description
Power ON Reset (POR) Register - [0x3F22]
POR_OFF
8
R/W
0x00
<7:0>
The POR cell is deactivated when the value 0x5A is
written to this register (30µA reduction of current
consumption)
Software Reset Register - [0x3C00]
software_reset
14
W
0x0
<13:0>
Refer to SOFTWARE RESET Command on page 12
Clear Error Flag Register - [0x3380]
clr_error_flag
14
R
0x0
<13:0>
Refer to CLEAR ERROR FLAG Command on page 11
No Operation Register - [0x0000]
NOP
14
w
0x0
<13:0>
Refer to NOP Command on page 13
Automatic Gain Control (AGC) Register - [0x03FF8]
AGC
6
R/W
0x20
<5:0>
Automatic gain control:
low values = strong magnetic field
high values = weak magnetic field
Angular Data - [0x3FFF]
Angle Value
10
R
0x000
<9:0>
Measured angular value, 10-bit
Alarm LO
1
R
0
<12>
Alarm bit indicating a too low magnetic field, active
HIGH
1
1. Both bits High: Alarm LO = Alarm Hi = 1 indicate a major system error (DAC overflow, CORDIC overflow or Hall current error).
Alarm HI
1
R
0
<13>
Alarm bit indicating a too high magnetic field, active
HIGH
1
break_offset_loop
1
R/W
0
<1>
Breaks the offset compensation loop to use the offset
registers in a static mode
interrupt_mode
1
R/W
0
<0>
Interrupt gate mode
0 = mode 0
1 = mode1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com