Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5050 Datasheet(PDF) 3 Page - ams AG

Part # AS5050
Description  Low Power 10-Bit Magnetic Rotary Encoder
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050 Datasheet(HTML) 3 Page - ams AG

  AS5050 Datasheet HTML 1Page - ams AG AS5050 Datasheet HTML 2Page - ams AG AS5050 Datasheet HTML 3Page - ams AG AS5050 Datasheet HTML 4Page - ams AG AS5050 Datasheet HTML 5Page - ams AG AS5050 Datasheet HTML 6Page - ams AG AS5050 Datasheet HTML 7Page - ams AG AS5050 Datasheet HTML 8Page - ams AG AS5050 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.austriamicrosystems.com
Revision 1.12
3 - 22
AS5050
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Pin Type
Description
1
MOSI
Digital input
SPI bus data input
2
MISO
Digital output, tri-state buffer SPI bus data output
3
SCK
Digital input Schmitt trigger SPI Clock Schmitt trigger
4
SS/
Digital input
SPI Slave Select, active LOW
5
tb0
Analog I/O
Test pin, leave unconnected
6
tb1
7
tb2
8
tb3
9
Test coil
Supply
Test pin, connect to VSS
10
En_INT/
Digital input
Enable / disable Interrupt
11
VDDp
Supply
Peripheral power supply, 1.8V ~ VDD
12
VDD
Analog and digital power supply, 3.0 ~ 3.6 V
13
VSS
Supply ground
14
Wire_mode
Digital I/O
0: 3-wire mode
1: 4-wire mode
15
INT/
Digital output, tri-state buffer Interrupt output. Active LOW, when conversion is finished
16
Test
Digital I/O
Test pin, leave unconnected
Epad
-
-
Center pad not connected
MOSI
MISO
SCK
SS/
16
13
14
15
5
8
7
6
1
4
3
2
12
9
10
11
VDD
VDDp
En_INT/
Test_coil
Epad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com