Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5050 Datasheet(PDF) 14 Page - ams AG

Part # AS5050
Description  Low Power 10-Bit Magnetic Rotary Encoder
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050 Datasheet(HTML) 14 Page - ams AG

Back Button AS5050 Datasheet HTML 10Page - ams AG AS5050 Datasheet HTML 11Page - ams AG AS5050 Datasheet HTML 12Page - ams AG AS5050 Datasheet HTML 13Page - ams AG AS5050 Datasheet HTML 14Page - ams AG AS5050 Datasheet HTML 15Page - ams AG AS5050 Datasheet HTML 16Page - ams AG AS5050 Datasheet HTML 17Page - ams AG AS5050 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
www.austriamicrosystems.com
Revision 1.12
14 - 22
AS5050
Datasheet - Application In form atio n
8 Application Information
The benefits of the AS5050 device are as follows:
Complete system-on-chip
Low power consumption
Low operating voltage
Easy to use SPI interface
8.1 SPI Interface
The 16-bit SPI Interface enables read / write access to the register blocks and is compatible to a standard micro controller interface. The SPI
module is active as soon as /SS pin is pulled low. The AS5050 then reads the digital value on the MOSI (master out slave in) input with every
falling edge of SCK and writes on its MISO (master in slave out) output with the rising edge. After 16 clock cycles /SS has to be set back to a high
status in order to reset some parts of the interface core.
The SPI Interface can be set into two different modes - 3-wire mode or 4-wire mode.
Note:
The wire mode selection is read during the POWER-UP state and can be changed with a power on reset or a software reset command.
The SPI Interface can be set into two different modes: 3-wire mode or 4-wire mode.
8.1.1 SPI Interface Signals (4-Wire Mode, Wire_mode = 1)
The AS5050 only supports slave operation mode. Therefore SCK for the communication as well as the /SS signal has to be provided by the test
equipment. The following picture shows a basic interconnection diagram with one master and an AS5050 device and a principle schematic of the
interface core.
Figure 10. SPI Interface Connection
Because the interface has to decode the sent command before it can react and provide data the response of the chip to a specific command
applied at a time T can be accessed in the next transmission cycle ending at T + TCOM.
The data are sent and read with MSB first. Every time the chip is accessed it is sending and receiving data.
Table 14. Wire Mode Selection
Wire Mode Selection (pad 14)
wire_mode = LO
3-wire mode
wire_mode = HI
4-wire mode
SPI_CLK
SPI_SSN
MOSI
MISO
SCK
SS/
RXSR
Interface Core
MISO
MOSI
Master Device
(Tester)
AS5050
TXSR
RXSPI
TXSPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com