Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5050 Datasheet(PDF) 1 Page - ams AG

Part # AS5050
Description  Low Power 10-Bit Magnetic Rotary Encoder
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050 Datasheet(HTML) 1 Page - ams AG

  AS5050 Datasheet HTML 1Page - ams AG AS5050 Datasheet HTML 2Page - ams AG AS5050 Datasheet HTML 3Page - ams AG AS5050 Datasheet HTML 4Page - ams AG AS5050 Datasheet HTML 5Page - ams AG AS5050 Datasheet HTML 6Page - ams AG AS5050 Datasheet HTML 7Page - ams AG AS5050 Datasheet HTML 8Page - ams AG AS5050 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
AS5050
Low Power 10-Bit Magnetic Rotary Encoder
www.austriamicrosystems.com
Revision 1.12
1 - 22
Datasheet
1 General Description
The AS5050 is a single-chip magnetic rotary encoder IC with low
voltage and low power features.
It includes 4 integrated Hall elements, a high resolution ADC and a
smart power management controller.
The angle position, alarm bits and magnetic field information are
transmitted over a standard 3-wire or 4-wire SPI interface to the host
processor.
The AS5050 is available in a small QFN 16-pin 4x4x0.85mm
package and specified over an operating temperature of -40ºC to
80ºC.
Figure 1. AS5050 Block Diagram
2 Key Features
10-bit resolution
Standard SPI interface, 3 or 4 wire
3.0 to 3.6 V core voltage, 1.8 to 3.6 V peripheral supply voltage
Automatic wakeup over SPI interface
Interrupt output for conversion complete indication
Low power mode:
- < 8mA (avg) @ 620µs readout interval
- < 5mA (avg) @ 1ms readout interval
- < 500µA (avg) @ 10ms readout interval
- < 53µA (avg) @ 100ms readout interval
Small size 16-pin QFN (4x4x0.85mm)
3 Applications
The device is ideal for Servo motor control, Input device for battery
operated portable devices, and Robotics.
VDD
VSS
INT/
MOSI
SCK
VDDp
Hall Sensors
AS5050
MISO
SS/
Wire
mode
EN_INT/
ADC
SPI Interface
Power Management
Cordic


Similar Part No. - AS5050

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5050 AMSCO-AS5050 Datasheet
597Kb / 25P
Low Power 10-Bit Magnetic Rotary Encoder
AS5050-EQFT AMSCO-AS5050-EQFT Datasheet
597Kb / 25P
Low Power 10-Bit Magnetic Rotary Encoder
AS5050A AMSCO-AS5050A Datasheet
648Kb / 31P
Low Power 10-Bit Magnetic Position Sensor
AS5050A AMSCO-AS5050A Datasheet
465Kb / 31P
Low Power 10-Bit Magnetic Position Sensor
2014-Oct-14
AS5050A AMSCO-AS5050A_V01 Datasheet
465Kb / 31P
Low Power 10-Bit Magnetic Position Sensor
2014-Oct-14
More results

Similar Description - AS5050

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5145 AMSCO-AS5145 Datasheet
1Mb / 36P
12-Bit Programmable Magnetic Rotary Encoder
AS5045_V1 AMSCO-AS5045_V1 Datasheet
589Kb / 33P
12 Bit Programmable Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5145H ETC2-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
logo
ams AG
AS5045 AMSCO-AS5045_10 Datasheet
1Mb / 34P
12 Bit Programmable Magnetic Rotary Encoder
AS5050 AMSCO-AS5050_07 Datasheet
597Kb / 25P
Low Power 10-Bit Magnetic Rotary Encoder
AS5055 AMSCO-AS5055 Datasheet
1,023Kb / 26P
Low Power 12-Bit Magnetic Rotary Encoder
AS5145H AMSCO-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
logo
IC-Haus GmbH
IC-TW11 ICHAUS-IC-TW11 Datasheet
786Kb / 25P
10-BIT ULTRA LOW POWER MAGNETIC ABSOLUTE ROTARY ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com