Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5050 Datasheet(PDF) 4 Page - ams AG

Part # AS5050
Description  Low Power 10-Bit Magnetic Rotary Encoder
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050 Datasheet(HTML) 4 Page - ams AG

  AS5050 Datasheet HTML 1Page - ams AG AS5050 Datasheet HTML 2Page - ams AG AS5050 Datasheet HTML 3Page - ams AG AS5050 Datasheet HTML 4Page - ams AG AS5050 Datasheet HTML 5Page - ams AG AS5050 Datasheet HTML 6Page - ams AG AS5050 Datasheet HTML 7Page - ams AG AS5050 Datasheet HTML 8Page - ams AG AS5050 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.austriamicrosystems.com
Revision 1.12
4 - 22
AS5050
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 5 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD
DC supply voltage
-0.3
5.0
V
Value of these process dependent parameters
are according to Process Parameter document,
current version
VDDp
Peripheral supply voltage
-0.3
VDD+0.3
V
Vin
Input pin voltage
-0.3
5.0
V
Iscr
Input current (latchup immunity)
-100
100
mA
Norm: Jedec 78
Electrostatic Discharge
ESD
Electrostatic discharge
±1
-
kV
Norm: MIL 883 E method 3015
Theta_JA
Package thermal resistance
-
33.5
°C/W
Velocity=0, Multi Layer PCB;
Jedec Standard Testboard
Continuous Power Dissipation
Pt
Total power dissipation
36
mW
Temperature Ranges and Storage Conditions
Tstrg
Storage temperature
-55
125
°C
Tbody
Package body temperature
260
°C
The reflow peak soldering temperature (body
temperature) specified is in accordance with
IPC/JEDEC J-STD-020 “Moisture/Reflow
Sensitivity Classification for Non-Hermetic Solid
State Surface Mount Devices”.
The lead finish for Pb-free leaded packages is
matte tin (100% Sn).
Humidity non-condensing
5
85
%
MSL
Moisture Sensitive Level
3
Represents a maximum floor life time of 168h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com