Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5050 Datasheet(PDF) 19 Page - ams AG

Part # AS5050
Description  Low Power 10-Bit Magnetic Rotary Encoder
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050 Datasheet(HTML) 19 Page - ams AG

Back Button AS5050 Datasheet HTML 14Page - ams AG AS5050 Datasheet HTML 15Page - ams AG AS5050 Datasheet HTML 16Page - ams AG AS5050 Datasheet HTML 17Page - ams AG AS5050 Datasheet HTML 18Page - ams AG AS5050 Datasheet HTML 19Page - ams AG AS5050 Datasheet HTML 20Page - ams AG AS5050 Datasheet HTML 21Page - ams AG AS5050 Datasheet HTML 22Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
www.austriamicrosystems.com
Revision 1.12
19 - 22
AS5050
Datasheet - Pack a ge Drawin gs and Ma r k ings
9 Package Drawings and Markings
The device is available in a 16-pin QFN (4x4x0.85mm) package.
Figure 17. Package Drawing and Hall Sensor Location
Marking: YYWWXZZ.
YY
WW
X
ZZ
Year (i.e. 04 for 2004)
Week
Assembly plant identifier
Assembly traceability code
Symbol
Min
Nom
Max
A
0.80
0.85
0.90
A1
0.00
0.05
b
0.25
0.30
0.35
D
4.00 BSC
E
4.00 BSC
D1
2.50
2.60
2.70
E1
2.50
2.60
2.70
Symbol
Min
Nom
Max
Notes
e
-
0.65 BSC
-
L
0.40
0.45
0.50
L1
0.10
Dx
1.85
2.00
2.15
1
Dy
1.85
2.00
2.15
2
Dz
0.323
0.383
0.443
3
r
1.00
4
BOTTOM
VIEW
Lb
D1
Pin 1
indicator
e
e
L
L1
TOP
VIEW
D
A
A1
A1 /2
1
4
8
9
12
16
13
Hall sensor
array
center of die
Dx
Dz
Notes:
1. Center of die to package edge
2. Center of die to package edge
3. Surface of die to package surface
4. Radius of Hall array
YYWWXZZ
AS5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com