Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5050 Datasheet(PDF) 15 Page - ams AG

Part # AS5050
Description  Low Power 10-Bit Magnetic Rotary Encoder
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050 Datasheet(HTML) 15 Page - ams AG

Back Button AS5050 Datasheet HTML 11Page - ams AG AS5050 Datasheet HTML 12Page - ams AG AS5050 Datasheet HTML 13Page - ams AG AS5050 Datasheet HTML 14Page - ams AG AS5050 Datasheet HTML 15Page - ams AG AS5050 Datasheet HTML 16Page - ams AG AS5050 Datasheet HTML 17Page - ams AG AS5050 Datasheet HTML 18Page - ams AG AS5050 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
www.austriamicrosystems.com
Revision 1.12
15 - 22
AS5050
Datasheet - Application In form atio n
Figure 11. SPI Command / Response Data Flow
8.1.2 SPI Timing
Figure 12. SPI Timing Diagram
Table 15. SPI Timing Characteristics
Parameter
Description
Min
Max
Unit
tL
Time between SS/ falling edge and SCK rising edge
10
1
ns
tL
Time between SS/ falling edge and SCK rising edge
350
2
ns
tSCK
Serial clock period
100
ns
tSCKL
Low period of serial clock
50
ns
tSCKH
High period of serial clock
50
ns
tH
Time between last falling edge of SCK and rising edge of SS/
tSCK / 2
ns
tXSSH
High time of SS/ between two transmissions
10
1
1. No synchronization needed because the internal clock is inactive
ns
tXSSH
High time of SS/ between two transmissions
350
2
2. Synchronization with the internal clock
→ 2 * tCLK_SYS + 10 ns (e.g. at 8 MHz → 253 ns)
ns
tMOSI
Data input valid to clock edge
20
ns
tMISO
SCK edge to data output valid
20
ns
Command 1
Command 2
Command N - 1
Command N
MOSI
MSBLSB
MSBLSB
MSBLSB
MSBLSB
0x00
Response 1
Response 2
Response N - 1
MISO
MSBLSB
MSBLSB
MSBLSB
MSBLSB
TCOM
Transmission 1
Transmission 2
Transmission N - 1
Transmission N
SS /
( Input )
SCK
( Input )
MOSI
( Input )
MISO
( Output )
tsck
tL
t MOSI
t MISO
tOZ
tOZ
tH
t XSSH
t sckL
t sckH
data[ 15]
data[ 15]
data[ 14]
data[ 14]
data[0]
data[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com