Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F02 Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT83F02
Description  External Voice Memory Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F02 Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT83F02 Datasheet HTML 42Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 43Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 44Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 45Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 46Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 47Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 48Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 49Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
HT83F02
Rev. 1.20
46
November 19, 2010
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the device during the program-
ming process. During the development process, these options are selected using the HT-IDE software development
tools. As these options are programmed into the device using the hardware programming tools, once they are selected
they cannot be changed later by the application software.
No.
Options
I/O Options
1
PA0~PA7: wake-up enable or disable
2
PA0~PA7: pull-high enable or disable
3
PB0~PB7: pull-high enable or disable
Oscillator Options
4
OSC type selection: ERC, crystal or HIRC
HIRC Options
5
HIRC option: 4MHz, 8MHz, 12MHz
Watchdog Options
6
WDT: enable or disable
7
WDT clock source: WDTOSC or T1
PB I/O Port Output Voltage Options
8
VDD_PBIO/VDD type selection: VDD_PBIO or VDD for Port B, SPI, I
2C I/O per bit
LVR Option
9
LVR function: enable or disable
LVD Option
10
LVD function: enable or disable
Reset Options
11
Reset function: PC0 or reset pin
SIMA Options
12
SIMA Function: enable or disable
13
SPIA S/W CSEN: enable or disable
14
SPIA S/W WCOL: enable or disable
15
I
2CA RNIC: enable or disable
16
I
2CA debounce time: 0/1/2 system clocks
SIMB Options
17
SIMB Function: enable or disable
18
SPIB S/W CSEN: enable or disable
19
SPIB S/W WCOL: enable or disable
20
I
2CB RNIC: enable or disable
21
I
2CB debounce time: 0/1/2 system clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com