Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F02 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT83F02
Description  External Voice Memory Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F02 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT83F02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 9Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
System Clock
(Crystal OSC)
2.4V~
5.5V
¾
2
¾
8
MHz
2.7V~
5.5V
¾
2
¾
10
MHz
3.3V~
5.5V
¾
2
¾
12
MHz
fSYS2
System clock (External RC OSC)
5V
Ta=25
°C,
External RERC=120k
W
-2%
´
Typ.
8
2%
´
Typ.
MHz
fSYS3
System clock (HI RC OSC)
3V/5V Ta=25
°C
-2%
´
Typ.
8
2%
´
Typ.
MHz
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
(wake-up from HALT)
¾
fSYS=XTAL
¾
1024
¾
t
SYS
fSYS=ERC or HIRC OSC
¾
15~16
¾
t
SYS
¾
1
¾¾
t
SYS
tINT
Interrupt Pulse Width
¾¾
7
¾
8
ms
tLVR
Low Voltage Width to Reset
¾¾
320
840
1200
ms
tLVD
LVD Time
¾¾
15
¾¾
ms
Note: tSYS=1/fSYS
tSUB=1/fSUB
HT83F02
Rev. 1.20
6
November 19, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com