Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F02 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT83F02
Description  External Voice Memory Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F02 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT83F02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
Pin Description
Pin Name
I/O
Options
Description
PA0~PA7
I/O
Wake-up,
Pull-high
or None
Bidirectional 8-bit I/O port, Each bit can be configured as a wake-up input by
configuration option. Software instructions determine if the pin is a CMOS out-
put or Schmitt trigger input. Configuration options determine which pins on
this port have pull-high resistors.
PB0/SDOB/SDAB
PB1/SCKB/SCLB
PB2/SDIB
PB3/SCSB
PB4/SDOA/SDAA
PB5/SCKA/SCLA
PB6/SDIA
PB7/SCSA
I/O
Pull-high
or None
Bidirectional 8-bit I/O port. Software instructions determine if the pin is a
CMOS output or Schmitt trigger input. Configuration options determine which
pins on this port have pull-high resistors. Pins PB0~PB3 are pin-shared with
SIMB control pins SDOB/SDAB, SCKB/SCLB, SDIB and SCSB respectively.
Pins PB4~PB7 are pin-shared with SIMA control pins SDOA/SDAA,
SCKA/SCLA, SDIA and SCSA respectively.
VSS
¾¾
Negative digital power supply, ground
VDD
¾¾
Positive digital power supply
VDD_PBIO
¾¾
PB I/O external positive power supply(determine by option)
PC0/RES
I
¾
Schmitt trigger reset input or PC0 I/O pin. Configuration option determines if
the pin is as a reset pin or GPIO pin. Software instructions determine if this pin
has pull-high resistor.
PC1/OSC1
PC2/OSC2
¾
Crystal,
ERC or
IRC
OSC1, OSC2 are connected to an external RC network, external crystal or no
connection, determined by configuration option, for the internal system clock.
If the ERC system clock option is selected, pin OSC2 can be as PC2. If the
IRC system clock option is selected, the OSC1/OSC2 pins will be IO pins
PC1/PC2. Software instructions determine which pins on this port have
pull-high resistors.
VSSA
¾¾
Negative DAC circuit power supply, ground
AUD
O
CMOS
Audio output for driving external transistor or power amplifier.
VDDA
¾¾
Positive DAC circuit power supply
VDDP
¾¾
PWM positive power supply
PWM1, PWM2
O
¾
PWM circuit direct speaker drive
VSSP
¾¾
PWM negative power supply, ground
Note: Each pin on PA can be programmed through a configuration option to have a wake-up function.
Individual pins can be selected to have pull-high resistors.
Absolute Maximum Ratings
Supply Voltage ...........................VSS+2.4V to VSS+5.5V
Storage Temperature ..........................
-50°C to +125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature.........................
-40°Cto+85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT83F02
Rev. 1.20
3
November 19, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com