Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F02 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT83F02
Description  External Voice Memory Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F02 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT83F02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD1
Operating Voltage
(Crystal OSC)
¾
fSYS=8MHz
2.4
¾
5.5
V
fSYS=10MHz
2.7
¾
5.5
V
fSYS=12MHz
3.3
¾
5.5
V
VDD2
Operating Voltage
(External RC OSC)
¾
fSYS=6MHz
2.4
¾
5.5
V
fSYS=8MHz
2.7
¾
5.5
V
fSYS=12MHz
2.7
¾
5.5
V
VDD3
Operating Voltage
(High Frequency Internal RC OSC)
¾
fSYS=8MHz
2.4
¾
5.5
V
fSYS=12MHz
2.7
¾
5.5
V
IDD1
Operating Current
(Crystal OSC, fSYS=fH)
3V
No load, fH=8MHz,
WDT enable
¾
0.8
1.5
mA
5V
¾
2.5
4.0
mA
3V
No load, fH=10MHz,
WDT enable
¾
1.0
2.0
mA
5V
¾
2.3
4.5
mA
3V
No load, fH=12MHz,
WDT enable
¾
1.1
2.5
mA
5V
¾
2.7
5.5
mA
IDD2
Operating Current
(ERC OSC, fSYS=fH)
3V
No load, fH=6MHz,
WDT enable
¾
0.7
1.5
mA
5V
¾
1.7
3.0
mA
3V
No load, fH=8MHz,
WDT enable
¾
1.0
2.0
mA
5V
¾
2.1
4.5
mA
3V
No load, fH=12MHz,
WDT enable
¾
1.4
3.0
mA
5V
¾
3.1
6.0
mA
IDD3
Operating Current
(HIRC OSC, fSYS=fH)
3V
No load, fH=4MHz,
WDT enable
¾
0.5
1.2
mA
5V
¾
1.2
2.5
mA
3V
No load, fH=8MHz,
WDT enable
¾
1.1
2.0
mA
5V
¾
2.2
4.5
mA
3V
No load, fH=12MHz,
WDT enable
¾
1.4
3.0
mA
5V
¾
3.2
6.0
mA
ISTB1
Standby Current
(Crystal, ERC, HIRC OSC)
3V
No load, system HALT,
WDT enable, fSYS=12MHz
¾
1.1
5.0
mA
5V
¾
4.1
10.0
mA
ISTB2
Standby Current
(Crystal, ERC, HIRC OSC)
3V
No load, system HALT,
WDT disable, fSYS=12MHz
¾
0.2
1.0
mA
5V
¾
0.4
2.0
mA
IOL1
I/O Port Sink Current
3V
VOL=0.1VDD
713
¾
mA
5V
15
30
¾
mA
IOH1
I/O Port Source Current
3V
VOH=0.9VDD
-3.5
-5
¾
mA
5V
-8.0
-12
¾
mA
IOL2
PWM1/PWM2 Sink Current
3V
VOL=0.1VDD
70
100
¾
mA
5V
125
180
¾
mA
HT83F02
Rev. 1.20
4
November 19, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com