Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F02 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT83F02
Description  External Voice Memory Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F02 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT83F02 Datasheet HTML 24Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 25Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 26Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 27Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 28Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 29Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 30Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 31Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
HT83F02
Rev. 1.20
28
November 19, 2010
S I M C 0 A / B R e g i s t e r
N o t i m p l e m e n t e d , r e a d a s " 0 "
S P I O n / O f f c o n t r o l
1 : e n a b l e
0 : d i s a b l e
N o t i m p l e m e n t e d
S P I M a s t e r / S l a v e a n d C l o c k C o n t r o l
S I M 2 A / B
S I M 1 A / B
S I M 0 A / B
b 0
S I M E N A / B
m a s t e r , f S Y S / 4
m a s t e r , f S Y S / 1 6
m a s t e r , f S Y S / 6 4
m a s t e r , f S Y S
r e s e r v e d
s l a v e
r e s e r v e d
r e s e r v e d
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
b 7
S I M 1 A / B
S I M 0 A / B
S I M 2 A / B
0
1
0
1
0
1
0
1
SPI Control Register
- SIMC0A/B
S I M C 2 A / B R e g i s t e r
b 7
T r a n s m i t / R e c e i v e c o m p l e t e f l a g
1 : d a t a t r a n s f e r c o m p l e t e
0 : d a t a t r a n s f e r i n c o m p l e t e
W r i t e c o l l i s i o n f l a g
1 : d a t a c o l l i s i o n
0 : n o c o l l i s i o n
S C S A / B p i n e n a b l e
1 : e n a b l e
0 : d i s a b l e , S C S A / B f l o a t i n g
D a t a s h i f t o r d e r
1 : M S B f i r s t
0 : L S B f i r s t
S P I c l o c k e d g e s e l e c t i o n
1 : f a l l i n g e d g e
0 : r i s i n g e d g e
S P I c l o c k p o l a r i t y s e l e c t i o n
1 : l o w l e v e l
0 : h i g h l e v e l
N o t i m p l e m e n t e d , r e a d a s " 0 "
b 0
W C O L A / B T R F A / B
C S E N A / B
M L S A / B
C K E G A / B
C K P O L A / B
SPI Control Register
- SIMC2A/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com