Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F02 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT83F02
Description  External Voice Memory Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F02 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT83F02 Datasheet HTML 27Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 28Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 29Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 30Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 31Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 32Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 33Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 34Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
HT83F02
Rev. 1.20
31
November 19, 2010
The following gives further explanation of each bit:
¨ SIMENA/B
The SIMENA/B bit determines if the I
2C bus is en-
abled or disabled. If data is to be transferred or re-
ceived on the I
2C bus then this bit must be set high.
The following gives further explanation of each bit:
¨ HCFA/B
The HCFA/B flag is the data transfer flag. This flag
will be zero when data is being transferred. Upon
completion of an 8-bit data transfer the flag will go
high and an interrupt will be generated.
¨ HASSA/B
The HASSA/B flag is the address match flag. This
flag is used to determine if the slave device address
is the same as the master transmit address. If the
addresses match then this bit will be high, if there is
no match then the flag will be low.
¨ HBBA/B
The HBBA/B flag is the I
2C busy flag. This flag will
be high when the I
2C bus is busy which will occur
when a START signal is detected. The flag will be
reset to zero when the bus is free which will occur
when a STOP signal is detected.
¨ HTXA/B
The HTXA/B flag is the transmit/receive mode bit.
This flag should be set high to set the transmit mode
and low for the receive mode.
¨ TXAKA/B
The TXAKA/B flag is the transmit acknowledge flag.
After the receipt of 8-bits of data, this bit will be
transmitted to the bus on the 9th clock. To continue
receiving more data, this bit has to be reset to zero
before further data is received.
¨ SRWA/B
The SRWA/B bit is the Slave Read/Write bit. This bit
determines whether the master device wishes to
transmit or receive data from the I
2C bus. When the
transmitted address and slave address match, that
is when the HAASA/B bit is set high, the device will
check the SRWA/B bit to determine whether it
should be in transmit mode or receive mode. If the
SRWA/B bit is high, the master is requesting to read
data from the bus, so the device should be in trans-
mit mode. When the SRWA/B bit is zero, the master
will write data to the bus, therefore the device
should be in receive mode to read this data.
¨ RNICA/B
The RNICA/B bit is used as I
2C running clock from
Internal or external clock. If this bit is low then I
2C
running using internal clock and it will not wake-up
when I
2C interrupts in the Power Down Mode. If the
bit is high I
2C running using external clock and it will
wake-up when I
2C interrupts in the Power Down
Mode.
¨ RXAKA/B
The RXAKA/B flag is the receive acknowledge flag.
When the RXAKA/B bit has been reset to zero it
means that a correct acknowledge signal has been
received at the 9th clock, after 8 bits of data have
been transmitted. When in the transmit mode, the
transmitter checks the RXAKA/B bit to determine if
the receiver wishes to receive the next byte. The
transmitter will therefore continue sending out data
until the RXAKA/B bit is set to
²1². When this oc-
curs, the transmitter will release the SDAA/B line to
allow the master to send a STOP signal to release
the bus.
S I M C 1 A / B R e g i s t e r
b 7
R e c e i v e a c k n o w l e d g e f l a g
1 : n o t a c k n o w l e d g e d
0 : a c k n o w l e d g e d
I 2 C r u n i n g c l o c k
1 : I 2 C r u n i n g i s n o t u s i n g i n t e r n a l c l o c k
0 : I 2 C r u n i n g i s u s i n g i n t e r n a l c l o c k
M a s t e r d a t a r e a d / w r i t e r e q u e s t f l a g
1 : r e q u e s t d a t a r e a d
0 : r e q u e s t d a t a w r i t e
T r a n s m i t a c k n o w l e d g e f l a g
1 : d o n ' t a c k n o w l e d g e
0 : a c k n o w l e d g e
T r a n s m i t / R e c e i v e m o d e
1 : t r a n s m i t m o d e
0 : r e c e i v e m o d e
I 2 C b u s b u s f l a g
1 : b u s y
0 : n o t b u s y
C a l l i n g a d d r e s s m a t c h e d f l a g
1 : m a t c h e d
0 : n o t m a t c h e d
D a t a t r a n s f e r f l a g
1 : t r a n s f e r c o m p l e t e
0 : t r a n s f e r n o t c o m p l e t e
b 0
H T X A / B
R X A K A / B
S R W A / B
T X A K A / B
H B B A / B
H A A S A / B
H C F A / B
R N I C A / B
I
2C Control Register
- SIMC1A/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com