Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F02 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT83F02
Description  External Voice Memory Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F02 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT83F02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
HT83F02
External Voice Memory Flash MCU
Rev. 1.20
1
November 19, 2010
General Description
The Flash type voice of MCU has Flash type Program
Memory and Connect External flash through SPI Serial
Interface. Offering users the convenience of Flash
Memory multi-programming features, this device also
includes a wide range of functions and features which
include a voice synthesizer and tone generator.
This device is designed for applications which require
multiple I/Os and sound effects, such as voice and mel-
ody. It can provide various sampling rates and beats,
tone levels, tempos for speech synthesizer and melody
generator. It also includes two integrated high quality,
voltage type DAC outputs and voltage type PWM out-
puts.
This device is excellent solutions for versatile voice and
sound effect product applications with their efficient
MCU instructions providing the user with programming
capability for powerful custom applications. The system
frequency can be up to 12MHz at an operating voltage
of 5V and include a power-down function to reduce
power consumption. A full choice of HXT, ERC and
HIRC oscillator functions are provided including a fully
integrated system oscillator which requires no external
components for its implementation.
The MCU flash voice memory capacity determine by
user, into which the user can download their voice data.
Features
· Operating voltage: 2.4V~5.5V
· System clock: 4MHz~12MHz
· Three oscillators:
External Crystal - HXT
External RC - ERC
Internal RC - HIRC
· Fully integrated internal 4MHz, 8MHz and 12MHz
oscillator requires no external components
· Up to 19 I/O pins
· Two sets of Serial Interfaces Module - SIM for SPI
or I
2C, shared with PB
· 2K´16 Flash Program Memory
· 208´8 Data Memory
· Two 8-bit programmable timer counter with 8-stage
prescaler and one time base counter
· 12-bit high quality voltage type D/A output
· PWM circuit direct drive speaker
· Watchdog Timer function
· 8-level subroutine nesting
· 2.7V Low voltage detection, tolerance 5%
· 2.4V Low voltage reset, tolerance 5%
· Power-down function and wake-up feature reduce
power consumption
· 63 powerful instructions
· 28-pin SSOP package


Similar Part No. - HT83F02

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT83F10 HOLTEK-HT83F10 Datasheet
488Kb / 61P
Flash Type Voice OTP MCU
May 12, 2009
HT83F10 HOLTEK-HT83F10 Datasheet
434Kb / 62P
Flash Type Voice OTP MCU
January 21, 2010
HT83F10 HOLTEK-HT83F10 Datasheet
466Kb / 62P
Flash Type Voice OTP MCU
HT83F10P HOLTEK-HT83F10P Datasheet
488Kb / 61P
Flash Type Voice OTP MCU
May 12, 2009
HT83F10P HOLTEK-HT83F10P Datasheet
434Kb / 62P
Flash Type Voice OTP MCU
January 21, 2010
More results

Similar Description - HT83F02

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9894AL OKI-MSM9894AL Datasheet
114Kb / 7P
8M-bit Serial Voice Flash Memory
MSM9893L OKI-MSM9893L Datasheet
146Kb / 9P
4M-bit Serial Voice Flash Memory
MSM9892L OKI-MSM9892L Datasheet
107Kb / 7P
2M-bit Serial Voice Flash Memory
logo
Holtek Semiconductor In...
HT83FXX HOLTEK-HT83FXX Datasheet
488Kb / 61P
Flash Type Voice OTP MCU
May 12, 2009
HT83F10 HOLTEK-HT83F10 Datasheet
434Kb / 62P
Flash Type Voice OTP MCU
January 21, 2010
HT83F10 HOLTEK-HT83F10_10 Datasheet
466Kb / 62P
Flash Type Voice OTP MCU
HT83B60 HOLTEK-HT83B60 Datasheet
3Mb / 84P
Voice Mask MCU
December 19, 2011
BS66FV340 HOLTEK-BS66FV340 Datasheet
7Mb / 265P
Enhanced Touch Voice A/D Flash MCU
December 15, 2016
HT66FV130 HOLTEK-HT66FV130 Datasheet
7Mb / 259P
Enhanced Voice Flash MCU
December 06, 2016
HT66FV240 HOLTEK-HT66FV240 Datasheet
9Mb / 203P
Wireless Voice Flash MCU
December 15, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com