Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F02 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT83F02
Description  External Voice Memory Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F02 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT83F02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IOH2
PWM1/PWM2 Sink Current
3V
VOH=0.9VDD
-38
-55
¾
mA
5V
-80
-115
¾
mA
VIL1
Input Low Voltage for PA I/O Ports
3V
¾¾
1.0
¾
V
5V
¾¾
2.0
¾
V
VIH1
Input High Voltage for PA I/O Ports
3V
¾¾
1.9
¾
V
5V
¾¾
3.0
¾
V
VIL2
Input Low Voltage (RES)
3V
¾¾
1.4
¾
V
5V
¾¾
2.8
¾
V
VIH2
Input High Voltage (RES)
3V
¾¾
2.1
¾
V
5V
¾¾
3.7
¾
V
VIL3
Input Low Voltage for PB I/O Ports
(PBVDD=VDD)
3V
¾¾
1.1
¾
V
5V
¾¾
2.2
¾
V
VIH3
Input High Voltage for PB I/O Ports
(PBVDD=VDD)
3V
¾¾
1.9
¾
V
5V
¾¾
3.0
¾
V
VIL4
Input Low Voltage for PB I/O Ports
(PBVDD=VDD_PBIO)
3V
¾¾
1.3
¾
V
5V
¾¾
2.5
¾
V
VIH4
Input Low Voltage for PB I/O Ports
(PBVDD=VDD_PBIO)
3V
¾¾
1.6
¾
V
5V
¾¾
2.6
¾
V
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
5V
¾
10
30
50
k
W
IAUD
AUD Current Source
3V
VOH=0.9VDD
¾-4.5
¾
mA
5V
VOH=0.9VDD
¾-10.5
¾
mA
VLVR
Low Voltage Reset Voltage
¾ LVR 2.4V option
2.28
2.40
2.52
V
VLVD
Low Voltage Detection Voltage
¾ LVR 2.7V option
2.565
2.700
2.835
V
HT83F02
Rev. 1.20
5
November 19, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com