Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F02 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT83F02
Description  External Voice Memory Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F02 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT83F02 Datasheet HTML 12Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 13Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 14Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 15Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 16Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 17Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 18Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 19Page - Holtek Semiconductor Inc HT83F02 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
HT83F02
Rev. 1.20
16
November 19, 2010
well as external functions such as I/O data control. The
location of these registers within the Data Memory be-
gins at the address
²00H². Any unused Data Memory lo-
cations between these special function registers and the
point where the General Purpose Memory begins is re-
served and attempting to read data from these locations
will return a value of
²00H².
Indirect Addressing Register
- IAR0
The Indirect Addressing Registers, IAR0, although hav-
ing their locations in normal RAM register space, do not
actually physically exist as normal registers. The
method of indirect addressing for RAM data manipula-
tion uses these Indirect Addressing Registers and Mem-
ory Pointers, in contrast to direct memory addressing,
where the actual memory address is specified. Actions
on the IAR0 registers will result in no actual read or write
operation to these registers but rather to the memory lo-
cation specified by their corresponding Memory Pointer,
MP0. As the Indirect Addressing Registers are not phys-
ically implemented, reading the Indirect Addressing
Registers indirectly will return a result of
²00H² and writ-
ing to the registers indirectly will result in no operation.
Memory Pointer
- MP0
For all devices, two Memory Pointers, known as MP0 is
provided. These Memory Pointers are physically imple-
mented in the Data Memory and can be manipulated in
the same way as normal registers providing a conve-
nient way with which to address and track data. When
any operation to the relevant Indirect Addressing Regis-
ters is carried out, the actual address that the
microcontroller is directed to, is the address specified by
the related Memory Pointer.
The following example shows how to clear a section of four Data Memory locations already defined as locations adres1
to adres4.
data .section
¢data¢
adres1
db ?
adres2
db ?
adres3
db ?
adres4
db ?
block
db ?
code .section at 0
¢code¢
org
00h
start:
mov a,04h
; setup size of block
mov block,a
mov a,offset adres1
; Accumulator loaded with first RAM address
mov mp0,a
; setup memory pointer with first RAM address
loop:
clr IAR0
; clear the data at address defined by MP0
inc mp0
; increment memory pointer
sdz block
; check if last memory location has been cleared
jmp loop
continue:
The important point to note here is that in the example shown above, no reference is made to specific Data Memory
addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com