Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4263 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4263
Description  Single PoE PSE Controller High Capacitance Legacy Device Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 6Page - Linear Technology LTC4263 Datasheet HTML 7Page - Linear Technology LTC4263 Datasheet HTML 8Page - Linear Technology LTC4263 Datasheet HTML 9Page - Linear Technology LTC4263 Datasheet HTML 10Page - Linear Technology LTC4263 Datasheet HTML 11Page - Linear Technology LTC4263 Datasheet HTML 12Page - Linear Technology LTC4263 Datasheet HTML 13Page - Linear Technology LTC4263 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC4274
10
4274fa
TEST TIMING DIAGRAMS
Figure 1. Detect, Class and Turn-On Timing in AUTO Pin or Semi-Auto Modes
Figure 2. Current Limit Timing
Figure 3. DC Disconnect Timing
Figure 4. Shut Down Delay Timing
Figure 5. I2C Interface Timing
VPORT
INT
tDETDLY
VOC
VEE
tDET
tME1
tME2
VMARK
VCLASS
15.5V
20.5V
tCLE1
tCLE2
tCLE3
PD
CONNECTED
0V
4274 F01
FORCED-CURRENT
CLASSIFICATION
tPON
FORCED-
VOLTAGE
VLIM
VCUT
0V
VSENSE TO VEE
INT
4274 F02
tSTART, tICUT
VMIN
VSENSE
TO VEE
INT
tDIS
tMPS
4274 F03
VGATE
VEE
MSD or
SHDN
tSHDN
tMSD
4274 F04
SCL
SDA
t1
t2
t3
tr
tf
t5
t6
t7
t8
t4
4274 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com