Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4263 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4263
Description  Single PoE PSE Controller High Capacitance Legacy Device Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 11Page - Linear Technology LTC4263 Datasheet HTML 12Page - Linear Technology LTC4263 Datasheet HTML 13Page - Linear Technology LTC4263 Datasheet HTML 14Page - Linear Technology LTC4263 Datasheet HTML 15Page - Linear Technology LTC4263 Datasheet HTML 16Page - Linear Technology LTC4263 Datasheet HTML 17Page - Linear Technology LTC4263 Datasheet HTML 18Page - Linear Technology LTC4263 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTC4274
15
4274fa
OPERATION
more power that the PSE has available. The classification
step is optional; if a PSE chooses not to classify a PD, it
must assume that the PD is a 13W (full 802.3af power)
device.
New in 802.3at
The newer 802.3at standard supersedes 802.3af and brings
several new features:
• A PD may draw as much as 25.5W. Such PDs (and the
PSEs that support them) are known as Type 2. Older
13W 802.3af equipment is classified as Type 1. Type 1
PDs will work with all PSEs; Type 2 PDs may require
Type 2 PSEs to work properly. The LTC4274 is designed
to work in both Type 1 and Type 2 PSE designs, and
also supports non-standard configurations at higher
power levels.
• The Classification protocol is expanded to allow Type 2
PSEs to detect Type 2 PDs, and to allow Type 2 PDs to
determine if they are connected to a Type 2 PSE. Two
versions of the new Classification protocol are avail-
able: an expanded version of the 802.3af Class Pulse
protocol, and an alternate method integrated with the
existing LLDP protocol (using the Ethernet data path).
The LTC4274 fully supports the new Class Pulse protocol
and is also compatible with the LLDP protocol (which
is implemented in the data communications layer, not
in the PoE circuitry).
• Fault protection current levels and timing are adjusted
to reduce peak power in the MOSFET during a fault;
this allows the new 25.5W power levels to be reached
using the same MOSFETs as older 13W designs.
BACKWARDS COMPATIBILITY
The LTC4274 is fully software and pin compatible with the
LTC4266 if only port 1 was used.
The LTC4274 is designed to be backward compatible with
earlier PSE chips in both software and pin functions. Exist-
ing systems using either the LTC4258 or LTC4259A (or
compatible) devices can be substituted with the LTC4274
without software or PCB layout changes if only port 1 was
used; only minor BOM changes are required to implement
a fully compliant 802.3at design.
Because of the backwards compatibility features, some of
the internal registers are redundant or unused when the
LTC4274 is operated as recommended. For more details
on usage in compatibility mode, refer to the LTC4258/
LTC4259A device datasheets.
Special Compatibility Mode Notes
• The LTC4274 can use either 0.5Ω or 0.25Ω sense
resistors, while the LTC425x chips always used 0.5Ω.
To maintain compatibility, if the AUTO pin is low when
the LTC4274 powers up it assumes the sense resistor
is 0.5Ω; if it is high at power up, the LTC4274 assumes
0.25Ω. The resistor value setting can be reconfigured
at any time after power up. In particular, systems that
use 0.25Ω sense resistors and have AUTO tied low
must reconfigure the resistor settings after power up.
• The LTC4259A included both AC and DC disconnect
sensing circuitry, but the LTC4274 has only DC discon-
nect sensing. For the sake of compatibility, register
bits used to enable AC disconnect in the LTC4259A are
implemented in the LTC4274, but they simply mirror
the bits used for DC disconnect.
• The LTC4258 and LTC4259A required 10k resistors
between the OUTn pins and the drains of the external
MOSFETs. These resistors must be shorted or replaced
with zero ohm jumpers when using the LTC4274.
• The LTC4258 and LTC4259A included a BYP pin, de-
coupled to AGND with 0.1μF. This pin changes to the MID
pin on the LTC4274. The capacitor should be removed
for Endspan applications, or replaced with a zero ohm
jumper for Midspan applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com