Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4263 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC4263
Description  Single PoE PSE Controller High Capacitance Legacy Device Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 20Page - Linear Technology LTC4263 Datasheet HTML 21Page - Linear Technology LTC4263 Datasheet HTML 22Page - Linear Technology LTC4263 Datasheet HTML 23Page - Linear Technology LTC4263 Datasheet HTML 24Page - Linear Technology LTC4263 Datasheet HTML 25Page - Linear Technology LTC4263 Datasheet HTML 26Page - Linear Technology LTC4263 Datasheet HTML 27Page - Linear Technology LTC4263 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LTC4274
25
4274fa
Sense Resistor
The LTC4274 is designed to use either 0.5Ω or 0.25Ω
current sense resistors. For new designs 0.25Ω is recom-
mended to reduce power dissipation; the 0.5Ω option is
intended for existing systems where the LTC4274 is used
as a drop-in replacement for the LTC4258 or LTC4259A.
The lower sense resistor values reduce heat dissipation.
Four commonly available 1Ω resistors (0402 or larger
package size) can be used in parallel in place of a single
0.25Ω resistor. In order to meet the ICUT and ILIM accuracy
required by the IEEE specification, the sense resistors
should have ±1% tolerance or better, and no more than
±200ppm/°C temperature coefficient.
Output Cap
The port requires a 0.22μF cap across its output to keep
the LTC4274 stable while in current limit during startup
or overload. Common ceramic capacitors often have sig-
nificant voltage coefficients; this means the capacitance
is reduced as the applied voltage increases. To minimize
this problem, X7R ceramic capacitors rated for at least
100V are recommended.
ESD/Cable Discharge Protection
Ethernet ports can be subject to significant ESD events
when long data cables, each potentially charged to thou-
sands of volts, are plugged into the low impedance of the
RJ45 jack. To protect against damage, the port requires a
pair of clamp diodes; one to AGND and one to VEE (Figure
10). An additional surge suppressor is required for each
LTC4274 chip from VEE to AGND. The diodes at the port
steer harmful surges into the supply rails, where they are
absorbed by the surge suppressor and the VEE bypass
capacitance. The surge suppressor has the additional
benefit of protecting the LTC4274 from transients on the
VEE supply.
S1B diodes work well as port clamp diodes, and an
SMAJ58A or equivalent is recommended for the VEE surge
suppressor.
LAYOUT GUIDELINES
Standard power layout guidelines apply to the LTC4274:
place the decoupling caps for the VDD and VEE supplies
near their respective supply pins, use ground planes, and
use wide traces wherever there are significant currents.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com