Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4263 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4263
Description  Single PoE PSE Controller High Capacitance Legacy Device Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 7Page - Linear Technology LTC4263 Datasheet HTML 8Page - Linear Technology LTC4263 Datasheet HTML 9Page - Linear Technology LTC4263 Datasheet HTML 10Page - Linear Technology LTC4263 Datasheet HTML 11Page - Linear Technology LTC4263 Datasheet HTML 12Page - Linear Technology LTC4263 Datasheet HTML 13Page - Linear Technology LTC4263 Datasheet HTML 14Page - Linear Technology LTC4263 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC4274
11
4274fa
I2C TIMING DIAGRAMS
Figure 6. Writing to a Register
Figure 7. Reading from a Register
SCL
SDA
4274 F06
00
1
AD3 AD2 AD1 AD0
A7
A6
A5
A4
A3
A2
A1
A0
R/W ACK
D7
D6
D5
D4
D3
D2
D1
D0
ACK
ACK
START BY
MASTER
ACK BY
SLAVE
ACK BY
SLAVE
ACK BY
SLAVE
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
REGISTER ADDRESS BYTE
FRAME 3
DATA BYTE
STOP BY
MASTER
SCL
SDA
00
1
AD3 AD2 AD1 AD0
A7
A6
A5
A4
A3
A2
A1
A0
R/W ACK
ACK
00
1
AD3 AD2 AD1 AD0
D7
D6
D5
D4
D3
D2
D1
D0
R/W ACK
ACK
START BY
MASTER
ACK BY
SLAVE
ACK BY
SLAVE
4274 F07
STOP BY
MASTER
REPEATED
START BY
MASTER
ACK BY
SLAVE
NO ACK BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
REGISTER ADDRESS BYTE
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
DATA BYTE
Figure 8. Reading the Interrupt Register (Short Form)
Figure 9. Reading from Alert Response Address
SCL
SDA
4274 F08
01
0
AD3 AD2 AD1 AD0
D7
D6
D5
D4
D3
D2
D1
D0
R/W ACK
ACK
START BY
MASTER
ACK BY
SLAVE
NO ACK BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
DATA BYTE
STOP BY
MASTER
SCL
SDA
4274 F09
00
1
1
0
AD3
0
0
0
0
1
AD2 AD1 AD0
R/W ACK
ACK
1
START BY
MASTER
ACK BY
SLAVE
NO ACK BY
MASTER
FRAME 1
ALERT RESPONSE ADDRESS BYTE
FRAME 2
SERIAL BUS ADDRESS BYTE
STOP BY
MASTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com