Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4263 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4263
Description  Single PoE PSE Controller High Capacitance Legacy Device Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 8Page - Linear Technology LTC4263 Datasheet HTML 9Page - Linear Technology LTC4263 Datasheet HTML 10Page - Linear Technology LTC4263 Datasheet HTML 11Page - Linear Technology LTC4263 Datasheet HTML 12Page - Linear Technology LTC4263 Datasheet HTML 13Page - Linear Technology LTC4263 Datasheet HTML 14Page - Linear Technology LTC4263 Datasheet HTML 15Page - Linear Technology LTC4263 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTC4274
12
4274fa
PIN FUNCTIONS
RESET: Chip Reset, Active Low. When the RESET pin is
low, the LTC4274 is held inactive with all ports off and all
internal registers reset to their power-up states. When
RESETispulledhigh,theLTC4274beginsnormaloperation.
RESET can be connected to an external capacitor or RC
network to provide a power turn-on delay. Internal filter-
ing of the RESET pin prevents glitches less than 1μs wide
from resetting the LTC4274. Internally pulled up to VDD.
MID: Midspan Mode Input. When high, the LTC4274 acts
as a midspan device. Internally pulled down to DGND.
INT: Interrupt Output, Open Drain. INT will pull low when
any one of several events occur in the LTC4274. It will
return to a high impedance state when bits 6 or 7 are set
in the Reset PB register (1Ah). The INT signal can be used
to generate an interrupt to the host processor, eliminating
the need for continuous software polling. Individual INT
events can be disabled using the Int Mask register (01h).
See the LTC4274 Software Programming documentation
for more information. The INT pin is only updated between
I2C transactions.
SCL: Serial Clock Input. High impedance clock input for
the I2C serial interface bus. SCL must be tied high if not
used.
SDAOUT: Serial Data Output, Open Drain Data Output for
the I2C Serial Interface Bus. The LTC4274 uses two pins
to implement the bidirectional SDA function to simplify
optoisolation of the I2C bus. To implement a standard
bidirectional SDA pin, tie SDAOUT and SDAIN together.
SDAOUT should be grounded or left floating if not used.
See Applications Information for more information.
SDAIN: Serial Data Input. High impedance data input for
the I2C serial interface bus. The LTC4274 uses two pins
to implement the bidirectional SDA function to simplify
optoisolation of the I2C bus. To implement a standard
bidirectional SDA pin, tie SDAOUT and SDAIN together.
SDAIN must be tied high if not used. See Applications
Information for more information.
AD3: Address Bit 3. Tie the address pins high or low to set
the I2C serial address to which the LTC4274 responds. This
address will be 010A3A2A1A0b. Internally pulled up to VDD.
AD2: Address Bit 2. See AD3.
AD1: Address Bit 1. See AD3.
AD0: Address Bit 0. See AD3.
NC, DNC: All pins identified with “NC” or “DNC” must be
left unconnected.
DGND: Digital Ground. DGND is the return for the VDD
supply.
VDD: Logic Power Supply. Connect to a 3.3V power supply
relative to DGND. VDD must be bypassed to DGND near
the LTC4274 with at least a 0.1μF capacitor.
SHDN: Shutdown, Active Low. When pulled low, SHDN
shuts down the port, regardless of the state of the internal
registers. Pulling SHDN low is equivalent to setting the
Reset Port bit in the Reset Pushbutton register (1Ah).
Internal filtering of the SHDN pin prevents glitches less
than 1μs wide from reseting the port. Internally pulled
up to VDD.
AGND: Analog Ground. AGND is the return for the VEE
supply.
SENSE: Current Sense Input. SENSE monitors the exter-
nal MOSFET current via a 0.5Ω or 0.25Ω sense resistor
between SENSE and VEE. Whenever the voltage across
the sense resistor exceeds the overcurrent detection
threshold VCUT, the current limit fault timer counts up. If
the voltage across the sense resistor reaches the current
limit threshold VLIM, the GATE pin voltage is lowered to
maintain constant current in the external MOSFET. See
Applications Information for further details.
GATE: Gate Drive. GATE should be connected to the gate
of the external MOSFET for the port. When the MOSFET
is turned on, the gate voltage is driven to 13V (typ) above
VEE. During a current limit condition, the voltage at GATE
will be reduced to maintain constant current through the
external MOSFET. If the fault timer expires, GATE is pulled
down, turning the MOSFET off and recording a tCUT or
tSTART event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com