Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4263 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4263
Description  Single PoE PSE Controller High Capacitance Legacy Device Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 13Page - Linear Technology LTC4263 Datasheet HTML 14Page - Linear Technology LTC4263 Datasheet HTML 15Page - Linear Technology LTC4263 Datasheet HTML 16Page - Linear Technology LTC4263 Datasheet HTML 17Page - Linear Technology LTC4263 Datasheet HTML 18Page - Linear Technology LTC4263 Datasheet HTML 19Page - Linear Technology LTC4263 Datasheet HTML 20Page - Linear Technology LTC4263 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTC4274
17
4274fa
APPLICATIONS INFORMATION
DETECTION
Detection Overview
To avoid damaging network devices that were not designed
to tolerate DC voltage, a PSE must determine whether the
connected device is a real PD before applying power. The
IEEE specification requires that a valid PD have a common-
mode resistance of 25k ±5% at any port voltage below 10V.
The PSE must accept resistances that fall between 19k and
26.5k, and it must reject resistances above 33k or below
15k (shaded regions in Figure 11). The PSE may choose to
accept or reject resistances in the undefined areas between
the must-accept and must-reject ranges. In particular, the
PSE must reject standard computer network ports, many
of which have 150Ω common-mode termination resistors
that will be damaged if power is applied to them (the black
region at the left of Figure 11).
and short circuits, are also reported. If the port measures
less than 1V at the first forced-current test, the detection
cycle will abort and Short Circuit will be reported. Table 3
shows the possible detection results.
Table 3. Detection Status
MEASURED PD SIGNATURE
DETECTION RESULT
Incomplete or Not Yet Tested
Detect Status Unknown
<2.4k
Short Circuit
Capacitance > 2.7μF
CPD too High
2.4k < RPD < 17k
RSIG too Low
17k < RPD < 29k
Detect Good
>29k
RSIG too High
>50k
Open Circuit
Voltage > 10V
Port Voltage Outside Detect Range
Operating Modes
The port’s operating mode determines when the LTC4274
runs a detection cycle. In manual mode, the port will
idle until the host orders a detect cycle. It will then run
detection, report the results, and return to idle to wait for
another command.
In semi-auto mode, the LTC4274 autonomously polls the
port for PDs, but it will not apply power until commanded
to do so by the host. The Port Status register is updated
at the end of each detection cycle. If a valid signature
resistance is detected and classification is enabled, the
port will classify the PD and report that result as well.
Figure 12. PD Detection
Figure 11. IEEE 802.3af Signature Resistance Ranges
4-Point Detection
The LTC4274 uses a 4-point detection method to discover
PDs. False-positive detections are minimized by check-
ing for signature resistance with both forced-current and
forced-voltage measurements. Initially, two test currents
are forced onto the port (via the OUT pin) and the resulting
voltages are measured. The detection circuitry subtracts
the two V-I points to determine the resistive slope while
removing offset caused by series diodes or leakage at
the port (see Figure 12). If the forced-current detection
yields a valid signature resistance, two test voltages are
then forced onto the port and the resulting currents are
measured and subtracted. Both methods must report valid
resistances for the port to report a valid detection. PD
signature resistances between 17k and 29k (typically) are
detected as valid and reported as Detect Good in the Port
Status register. Values outside this range, including open
RESISTANCE
PD
PSE
0Ω
10k
15k
4274 F11
19k
26.5k
26.25k
23.75k
150Ω (NIC)
20k
30k
33k
FIRST
DETECTION
POINT
SECOND
DETECTION
POINT
VALID PD
25kΩ SLOPE
275
165
0V-2V
OFFSET
VOLTAGE
4274 F12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com