Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4263 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4263
Description  Single PoE PSE Controller High Capacitance Legacy Device Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 18Page - Linear Technology LTC4263 Datasheet HTML 19Page - Linear Technology LTC4263 Datasheet HTML 20Page - Linear Technology LTC4263 Datasheet HTML 21Page - Linear Technology LTC4263 Datasheet HTML 22Page - Linear Technology LTC4263 Datasheet HTML 23Page - Linear Technology LTC4263 Datasheet HTML 24Page - Linear Technology LTC4263 Datasheet HTML 25Page - Linear Technology LTC4263 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC4274
22
4274fa
timer resets and will start counting from the beginning
if the undercurrent condition returns. As long as the PD
exceeds the minimum current level more often than tDIS,
it will stay powered.
Although not recommended, the DC disconnect feature
can be disabled by clearing the DC Disconnect Enable
bit. Note that this defeats the protection mechanisms
built into the IEEE spec, since a powered port will stay
powered after the PD is removed. If the still-powered port
is subsequently connected to a non-PoE data device, the
device may be damaged.
The LTC4274 does not include AC disconnect circuitry, but
includes an AC disconnect enable bit to maintain compat-
ibility with the LTC4259A. If the AC Disconnect Enable bit
is set, DC disconnect will be used.
Shutdown Pin
The LTC4274 includes a hardware SHDN pin. When the
SHDN pin is pulled to DGND, the port will be shut off im-
mediately. The port remains shut down until re-enabled
via I2C or a device reset in AUTO pin mode.
Masked Shutdown
The LTC4274 provides a low latency port shedding fea-
ture to quickly reduce the system load when required. By
allowing a pre-determined set of ports to be turned off,
the current on an overloaded main power supply can be
reduced rapidly while keeping high priority devices pow-
ered. Each port can be configured to high or low priority;
all low-priority ports will shut down within 6.5μs after the
MSD pin is pulled low. If a port is turned off via MSD, the
corresponding Detection and Classification Enable bits are
cleared, so the port will remain off until the host explicitly
re-enables detection.
SERIAL DIGITAL INTERFACE
Overview
The LTC4274 communicates with the host using a standard
SMBus/I2C 2-wire interface. The LTC4274 is a slave-only
device, and communicates with the host master using
the standard SMBus protocols. Interrupts are signaled to
the host via the INT pin. The Timing Diagrams (Figures 5
through 9) show typical communication waveforms and
their timing relationships. More information about the
SMBus data protocols can be found at www.smbus.org.
The LTC4274 requires both the VDD and VEE supply rails
to be present for the serial interface to function.
Bus Addressing
The LTC4274’s primary serial bus address is 010xxxxb,
with the lower four bits set by the AD3-AD0 pins; this
allows up to 16 LTC4274s on a single bus. All LTC4274s
also respond to the address 0110000b, allowing the host
to write the same command (typically configuration com-
mands) to multiple LTC4274s in a single transaction. If the
LTC4274 is asserting the INT pin, it will also respond to the
alert response address (0001100b) per the SMBus spec.
Interrupts and SMBAlert
Most LTC4274 port events can be configured to trigger
an interrupt, asserting the INT pin and alerting the host
to the event. This removes the need for the host to poll
the LTC4274, minimizing serial bus traffic and conserving
host CPU cycles. Multiple LTC4274s can share a common
INT line, with the host using the SMBAlert protocol (ARA)
to determine which LTC4274 caused an interrupt.
Register Description
For information on serial bus usage and device configura-
tion and status, refer to the LTC4274 Software Program-
ming documentation.
EXTERNAL COMPONENT SELECTION
Power Supplies and Bypassing
The LTC4274 requires two supply voltages to operate. VDD
requires 3.3V (nominally) relative to DGND. VEE requires
a negative voltage of between –44V and –57V for Type 1
PSEs, or –50V to –57V for Type 2 PSEs, relative to AGND.
The relationship between the two grounds is not fixed;
AGND can be referenced to any level from VDD to DGND,
although it should typically be tied to either VDD or DGND.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com