Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4263 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4263
Description  Single PoE PSE Controller High Capacitance Legacy Device Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 16Page - Linear Technology LTC4263 Datasheet HTML 17Page - Linear Technology LTC4263 Datasheet HTML 18Page - Linear Technology LTC4263 Datasheet HTML 19Page - Linear Technology LTC4263 Datasheet HTML 20Page - Linear Technology LTC4263 Datasheet HTML 21Page - Linear Technology LTC4263 Datasheet HTML 22Page - Linear Technology LTC4263 Datasheet HTML 23Page - Linear Technology LTC4263 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC4274
20
4274fa
APPLICATIONS INFORMATION
current reaches the inrush current limit level (typically
450mA), at which point the GATE pin will be servoed to
maintain the specified IINRUSH current. During this inrush
period, a timer (tSTART) runs. When output charging is
complete, the port current will fall and the GATE pin will
be allowed to continue rising to fully enhance the MOSFET
and minimize its on-resistance. The final VGS is nominally
13V. If the tSTART timer expires before the inrush period
completes, the port will be turned back off and a tSTART
fault reported.
Current Limit
Each LTC4274 port includes two current limiting thresholds
(ICUT and ILIM), each with a corresponding timer (tCUT
and tLIM). Setting the ICUT and ILIM thresholds depends
on several factors: the class of the PD, the voltage of the
main supply (VEE), the type of PSE (1 or 2), the sense
resistor (0.5Ω or 0.25Ω), the SOA of the MOSFET, and
whether or not the system is required to implement class
enforcement.
Per the IEEE spec, the LTC4274 will allow the port cur-
rent to exceed ICUT for a limited period of time before
removing power from the port, whereas it will actively
control the MOSFET gate drive to keep the port current
below ILIM. The port does not take any action to limit the
current when only the ICUT threshold is exceeded, but
does start the tCUT timer. The tLIM timer starts when the
ILIM threshold is exceeded and current limit is active. If
the current drops below the ICUT current threshold before
its timer expires, the tCUT timer counts back down, but
at 1/16 the rate that it counts up. This allows the current
limit circuitry to tolerate intermittent overload signals with
duty cycles below about 6%; longer duty cycle overloads
will turn the port off.
ICUT is typically set to a lower value than ILIM to allow the
port to tolerate minor faults without current limiting.
Per the IEEE specification, the LTC4274 will automatically
set ILIM to 425mA (shown in bold in Table 5) during in-
rush at port turn-on, and then switch to the programmed
ILIM setting once inrush has completed. To maintain IEEE
compliance, ILIM should kept at 425mA for all Type 1 PDs,
and 850mA if a Type 2 PD is detected. ILIM is automatically
reset to 425mA when a port turns off.
Table 5. Example Current Limit Settings
ILIM (mA)
INTERNAL REGISTER SETTING (hex)
RSENSE = 0.5Ω
RSENSE = 0.25Ω
53
88
106
08
88
159
89
213
80
08
266
8A
319
09
89
372
8B
425
00
80
478
8E
531
92
8A
584
CB
638
10
90
744
D2
9A
850
40
C0
956
4A
CA
1063
50
D0
1169
5A
DA
1275
60
E0
1488
52
49
1700
40
1913
4A
2125
50
2338
5A
2550
60
2975
52
ILIM Foldback
The LTC4274 features a two-stage foldback circuit that
reduces the port current if the port voltage falls below
the normal operating voltage. This keeps MOSFET power
dissipation at safe levels for typical 802.3af MOSFETs,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com