Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4263 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC4263
Description  Single PoE PSE Controller High Capacitance Legacy Device Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 19Page - Linear Technology LTC4263 Datasheet HTML 20Page - Linear Technology LTC4263 Datasheet HTML 21Page - Linear Technology LTC4263 Datasheet HTML 22Page - Linear Technology LTC4263 Datasheet HTML 23Page - Linear Technology LTC4263 Datasheet HTML 24Page - Linear Technology LTC4263 Datasheet HTML 25Page - Linear Technology LTC4263 Datasheet HTML 26Page - Linear Technology LTC4263 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTC4274
23
4274fa
APPLICATIONS INFORMATION
VDD provides power for most of the internal LTC4274 cir-
cuitry, and draws a maximum of 3mA. A ceramic decoupling
cap of at least 0.1μF should be placed from VDD to DGND,
as close as practical to each LTC4274 chip.
Figure 16 shows a three component low dropout regulator
for a negative supply to DGND generated from the negative
VEE supply. VDD is tied to AGND and DGND is negative
referenced to AGND. This regulator drives a single LTC4274
device. In Figure 17, DGND is tied to AGND in this boost
converter circuit for a positive VDD supply of 3.3V above
AGND. This circuit can drive multiple LTC4274 devices
and opto couplers.
VEE is the main supply that provides power to the PD.
Because it supplies a relatively large amount of power and
is subject to significant current transients, it requires more
design care than a simple logic supply. For minimum IR
loss and best system efficiency, set VEE near maximum
amplitude (57V), leaving enough margin to account for
transient over- or undershoot, temperature drift, and the
line regulation specs of the particular power supply used.
Bypass capacitance between AGND and VEE is very impor-
tant for reliable operation. If a short circuit occurs at the
output port it can take as long as 1μs for the LTC4274 to
begin regulating the current. During this time the current
is limited only by the small impedances in the circuit and
a high current spike typically occurs, causing a voltage
transient on the VEE supply and possibly causing the
LTC4274 to reset due to a UVLO fault. A 1μF, 100V X7R
capacitor placed near the VEE pin is recommended to
minimize spurious resets.
Isolating the Serial Bus
The LTC4274 includes a split SDA pin (SDAIN and SDAOUT)
to ease opto-isolation of the bidirectional SDA line.
IEEE 802.3 Ethernet specifications require that network
segments (including PoE circuitry) be electrically isolated
from the chassis ground of each network interface device.
However, network segments are not required to be isolated
Figure 17. Positive VDD Boost Converter
Figure 16. Negative LDO to DGND
4274 F17
R54
56k
C79
2200pF
GND
ITH/RUN
LTC3803
VCC
2
5
VFB
1
3
NGATE
Q15
FDC2512
Q13
FMMT723
Q14
FMMT723
SENSE
6
4
VEE
C74
100μF
6.3V
C75
10μF
16V
L3
100μH
SUMIDA CDRH5D28-101NC
R51
4.7k
1%
R53
4.7k
1%
R52
3.32k
1%
3.3V AT 400mA
R55
806Ω
1%
R59
0.100Ω
1%, 1W
R56
47.5k
1%
R57
1k
D28
B1100
R58
10Ω
R60
10Ω
C73
10μF
6.3V
L4
10μH
SUMIDA CDRH4D28-100NC
+
C77
0.22μF
100V
C78
0.22μF
100V
C76
10μF
63V
PD VOLTAGE (V)
0
0.0
0.2
0.6
1.0
10
20
30
40
4274 F16
50
1.4
0.4
0.8
1.2
60
802.3af FOLDBACK
SOA
75ms
AT
90°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com