Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS6480SF Datasheet(PDF) 61 Page - Infineon Technologies AG

Part # BTS6480SF
Description  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF Datasheet(HTML) 61 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 57Page - Infineon Technologies AG BTS6480SF Datasheet HTML 58Page - Infineon Technologies AG BTS6480SF Datasheet HTML 59Page - Infineon Technologies AG BTS6480SF Datasheet HTML 60Page - Infineon Technologies AG BTS6480SF Datasheet HTML 61Page - Infineon Technologies AG BTS6480SF Datasheet HTML 62Page - Infineon Technologies AG BTS6480SF Datasheet HTML 63Page - Infineon Technologies AG BTS6480SF Datasheet HTML 64Page - Infineon Technologies AG BTS6480SF Datasheet HTML 65Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
SPOC - BTS6480SF
Serial Peripheral Interface (SPI)
Data Sheet
61
Rev. 1.0, 2010-04-12
Figure 28
Data Transfer in Daisy Chain Configuration
10.3
Timing Diagrams
Figure 29
Timing Diagram SPI Access
MI
MO
MCS
MCLK
SI device 1
SI device 2
SI device 3
SO device 1
SO device 2
SO device 3
time
SPI_DaisyChain2_16bit.emf
CS
SCLK
SI
tCS(lead)
tCS(td)
tCS(lag)
tSCLK(H)
tSCLK(L)
tSCLK(P)
t
SI(su)
t
SI(h)
SO
tSO(v)
tSO(en)
tSO(dis)
0.7V
DD
0.2V
DD
0.7V
DD
0.2V
DD
0.7V
DD
0.2V
DD
0.7V
DD
0.2V
DD
SPI Timing.emf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com