Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS6480SF Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # BTS6480SF
Description  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 8Page - Infineon Technologies AG BTS6480SF Datasheet HTML 9Page - Infineon Technologies AG BTS6480SF Datasheet HTML 10Page - Infineon Technologies AG BTS6480SF Datasheet HTML 11Page - Infineon Technologies AG BTS6480SF Datasheet HTML 12Page - Infineon Technologies AG BTS6480SF Datasheet HTML 13Page - Infineon Technologies AG BTS6480SF Datasheet HTML 14Page - Infineon Technologies AG BTS6480SF Datasheet HTML 15Page - Infineon Technologies AG BTS6480SF Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
Data Sheet
12
Rev. 1.0, 2010-04-12
SPOC - BTS6480SF
Electrical Characteristics
4.2
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.2.1
Junction to Soldering Point 1)
1) Not subject to production test, specified by design.
R
thJSP
–
–
20
K/W
measured to pin 1,
2, 9, 28, 35, 36
4.2.2
Junction to Ambient 1)
R
thJA
–35
–
K/W
2)
2) Specified RthJA values is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The product
(chip+package) was simulated on a 76.4 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70 µm Cu, 2 x 35 µm Cu).
Where applicable, a thermal via array under the package contacted the first inner copper layer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com