Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS6480SF Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BTS6480SF
Description  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 5Page - Infineon Technologies AG BTS6480SF Datasheet HTML 6Page - Infineon Technologies AG BTS6480SF Datasheet HTML 7Page - Infineon Technologies AG BTS6480SF Datasheet HTML 8Page - Infineon Technologies AG BTS6480SF Datasheet HTML 9Page - Infineon Technologies AG BTS6480SF Datasheet HTML 10Page - Infineon Technologies AG BTS6480SF Datasheet HTML 11Page - Infineon Technologies AG BTS6480SF Datasheet HTML 12Page - Infineon Technologies AG BTS6480SF Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
SPOC - BTS6480SF
Pin Configuration
Data Sheet
9
Rev. 1.0, 2010-04-12
3.2
Pin Definitions and Functions
Pin
Symbol
I/O
Function
Power Supply Pins
1, 2, 9, 28, 35, 36 1)
1) All VBB pins have to be connected.
VBB
–
Positive power supply for high-side power switch
19
VDD
–
Logic supply (5 V)
15, 22
GND
–
Ground connection
Parallel Input Pins (integrated pull-down, leave unused pins unconnected)
16
IN1
I
Input signal of channel 1 (high active)
17
IN2
I
Input signal of channel 2 (high active)
18
IN3
I
Input signal of channel 3 (high active)
Power Output Pins
3, 4, 5, 6 2)
2) All outputs pins of each channel have to be connected.
OUT0
O
Protected high-side power output of channel 0
31, 32, 33, 34 2)
OUT1
O
Protected high-side power output of channel 1
29, 30 2)
OUT2
O
Protected high-side power output of channel 2
7, 8 2)
OUT3
O
Protected high-side power output of channel 3
SPI, PWM & Diagnosis Pins
14
CS
I
Chip select of SPI interface (low active); Integrated pull up
13
SCLK
I
Serial clock of SPI interface
12
SI
I
Serial input of SPI interface (high active)
11
SO
O
Serial output of SPI interface
27
PCLK
I
PWM clock reference signal
21
IS
O
Current sense output signal
20
ISSY
O
Current sense synchronization signal
Limp Home Pin (integrated pull-down, pull-down resistor recommended)
10
LHI
I
Limp home activation signal (high active)
External Driver Pins (integrated pull-down, leave unused external driver pins unconnected)
26
EDO0
O
External driver output for activation of external driver 0
24
EDO1
O
External driver output for activation of external driver 1
25
EDD0
O
External driver diagnosis enable signal of external driver 0
23
EDD1
O
External driver diagnosis enable signal of external driver 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com