Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS6480SF Datasheet(PDF) 69 Page - Infineon Technologies AG

Part # BTS6480SF
Description  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF Datasheet(HTML) 69 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 65Page - Infineon Technologies AG BTS6480SF Datasheet HTML 66Page - Infineon Technologies AG BTS6480SF Datasheet HTML 67Page - Infineon Technologies AG BTS6480SF Datasheet HTML 68Page - Infineon Technologies AG BTS6480SF Datasheet HTML 69Page - Infineon Technologies AG BTS6480SF Datasheet HTML 70Page - Infineon Technologies AG BTS6480SF Datasheet HTML 71Page - Infineon Technologies AG BTS6480SF Datasheet HTML 72Page - Infineon Technologies AG BTS6480SF Datasheet HTML 73Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
SPOC - BTS6480SF
Serial Peripheral Interface (SPI)
Data Sheet
69
Rev. 1.0, 2010-04-12
FREQn
n = 0 to 5
1:0
rw
PWM Frequency Prescaler Setting for Channel n
00
Normal mode without automatic PWM generation
01
Prescaler 1:
f
PCLK (or fINT) / 256
10
Prescaler 2:
f
PCLK (or fINT) / 512
11
Prescaler 4:
f
PCLK (or fINT) / 1024
SYDELn
n = 0 to 5
3:2
rw
Delay of Current Sense Synchronization Signal for Channel n
00
No synchronization signal delay
01
Synchronization signal delay 1: 8 / (
f
PCLK (or fINT))
10
Synchronization signal delay 2: 16 / (
f
PCLK (or fINT))
11
Synchronization signal delay 3: 24 / (
f
PCLK (or fINT))
PSHn
n = 0 to 5
6:4
rw
Channel Phase Shift for Channel n
000 No phase shift
001 Phase shift 1: 32/ (
f
PCLK (or fINT))
010 Phase shift 2: 64 / (
f
PCLK (or fINT))
...
110 Phase shift 6: 192 / (
f
PCLK (or fINT))
111 Phase shift 7: 224 / (
f
PCLK (or fINT))
1) For avoiding skews it is recommended to change from external to internal clock source or vice versa only during deactivated
PWM generator (PCR.PST = 0
b).
2) Invalid in stand-by mode
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com