Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS6480SF Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BTS6480SF
Description  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 9Page - Infineon Technologies AG BTS6480SF Datasheet HTML 10Page - Infineon Technologies AG BTS6480SF Datasheet HTML 11Page - Infineon Technologies AG BTS6480SF Datasheet HTML 12Page - Infineon Technologies AG BTS6480SF Datasheet HTML 13Page - Infineon Technologies AG BTS6480SF Datasheet HTML 14Page - Infineon Technologies AG BTS6480SF Datasheet HTML 15Page - Infineon Technologies AG BTS6480SF Datasheet HTML 16Page - Infineon Technologies AG BTS6480SF Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
SPOC - BTS6480SF
Power Supply
Data Sheet
13
Rev. 1.0, 2010-04-12
5
Power Supply
The SPOC - BTS6480SF is supplied by two supply voltages
V
BB and VDD. The VBB supply line is used by the power
switches. The
V
DD supply line is used by the SPI related circuitry and for driving the SO line. A capacitor between
pins VDD and GND is recommended as shown in Figure 30.
There is a power-on reset function implemented for the
V
DD logic power supply. After start-up of the logic power
supply, all SPI registers are reset to their default values. The SPI interface including daisy chain function is active
as soon as
V
DD is provided in the specified range independent of VBB. First SPI data are the output register values
with TER = 1.
Specified parameters are valid for the supply voltage range according
V
BB(nor) or otherwise specified. For the
extended supply voltage range according
V
BB(ext) device functionality (switching, diagnosis and protection
functions) are still given, parameter deviations are possible.
5.1
Power Supply Modes
The following table shows all possible power supply modes for
V
BB, VDD and the pin LHI.
5.1.1
Stand-by Mode and Device Wake-up Mechanisms
Stand-by mode is entered as soon as the current sense multiplexer (DCR.MUX) is in default (stand-by) position,
the PWM start bit is reset (PCR.PST = 0b) and all input pins are not set. All error latches are cleared automatically
in stand-by mode. As soon as stand-by mode is entered, register HWCR.STB is set. To wake-up the device, the
current sense multiplexer (DCR.MUX) is programmed different to default (stand-by) position or the PWM start bit
is set (PCR.PST = 1b). The power-on wake up time tWU(PO) has to be considered for both cases.
Idle mode parameters are valid, when all channels are switched off, but the current sense multiplexer is not in
default position, and VDD supply is available.
Note: A transition from operation to stand-by mode does not reset the SPI registers. So, if
V
DD is present and SPI
is programmed, a changing to MUX = 111b does not reset the SPI registers. An activation of the channels via
the input pin INx will wake up the device with the former SPI register settings.
Power Supply Modes
Off
Off
SPI
on
Reset Off
On via
INx
Limp Home
mode
without SPI
Normal
operation
Limp Home
mode with
SPI 1)
1) SPI read only
V
BB
0V
0V
0V
0V
13.5 V 13.5V 13.5 V
13.5V
13.5 V
V
DD
0V
0V
5V
5V
0V
0V
0V
5V
5 V
LHI
0 V5 V
0 V5 V
0 V
0 V
5 V
0 V
5 V
Power stage, protection –
–
–
–
–
✓2)
2) Channel 1, 2 and/or 3 activated according to the state of INx
✓2)
✓✓2)
Limp home
–
–
–
–
–
–
✓
–
✓
SPI (logic)
–
–
✓✓
reset
reset
reset
✓
reset3)
3) SPI reset only with applied
V
BB voltage
Stand-by current
–
–
–
–
✓✓4)
4) When INx = low
–
✓5)
5) When DCR.MUX = 111b, INx = low and PCR.PST = 0b
–
Idle current
–
––
––
–
–
✓6)
6) When all channels are in OFF-state and DCR.MUX
≠ 111
b
–
Diagnosis
–
–
–
–
–
–
–
✓✓7)
7) Current sense disabled in limp home mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com