Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS6480SF Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BTS6480SF
Description  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 7Page - Infineon Technologies AG BTS6480SF Datasheet HTML 8Page - Infineon Technologies AG BTS6480SF Datasheet HTML 9Page - Infineon Technologies AG BTS6480SF Datasheet HTML 10Page - Infineon Technologies AG BTS6480SF Datasheet HTML 11Page - Infineon Technologies AG BTS6480SF Datasheet HTML 12Page - Infineon Technologies AG BTS6480SF Datasheet HTML 13Page - Infineon Technologies AG BTS6480SF Datasheet HTML 14Page - Infineon Technologies AG BTS6480SF Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
SPOC - BTS6480SF
Electrical Characteristics
Data Sheet
11
Rev. 1.0, 2010-04-12
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
4.1.20 Current through serial output pin SO
I
SO
-2.0
2.0
mA
t
≤ 2min.
PWM Clock and Sense Synchronization Pin
4.1.21 Voltage at PWM clock input pin
V
PCLK
-0.3
V
DD + 0.3 V
–
4.1.22 Current through PWM clock input pin
I
PLCK
-0.75
-2.0
0.75
2.0
mA –
t
≤ 2min.
4.1.23 Voltage at sense synchronization pin
V
ISSY
-0.3
V
DD + 0.3 V
–
4.1.24 Current through sense synchronization pin
I
ISSY
-2.0
2.0
mA
t
≤ 2min.
Limp Home Pin
4.1.25 Voltage at limp home input pin
V
LHI
-0.3
5.5
V
–
4.1.26 Current through limp home input pin
I
LHI
-0.75
-2.0
0.75
2.0
mA –
t
≤ 2min.
External Driver Pins
4.1.27 Voltage at external driver output
V
EDO
-0.3
V
DD + 0.3 V
–
4.1.28 Current through external driver output
I
EDO
-1.0
1.0
mA
t
≤ 2min.
4.1.29 Voltage at external driver diagnosis enable
V
EDD
-0.3
V
DD + 0.3 V
–
4.1.30 Current through external driver diagnosis enable
I
EDD
-1.0
1.0
mA
t
≤ 2min.
Temperatures
4.1.31 Junction temperature
T
j
-40
150
°C–
4.1.32 Dynamic temperature increase while switching
∆Tj
–60
K
–
4.1.33 Storage temperature
T
stg
-55
150
°C–
ESD Susceptibility
4.1.34 ESD susceptibility HBM
OUT pins vs. VBB
other pins incl. OUT vs. GND
V
ESD
-4
-2
4
2
kV
HBM 7)
–
–
1) Not subject to production test, specified by design.
2) Device is mounted on an FR4 2s2p board according to Jedec JESD51-2,-5,-7 at natural convection; The product
(chip+package) was simulated on a 76.4 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70 µm Cu, 2 x 35 µm Cu).
Where applicable, a thermal via array under the package contacted the first inner copper layer.
3) In accordance to AEC Q100-012 and AEC Q101-006.
4) RI is the internal resistance of the load dump pulse generator.
5) Over current protection is a protection feature. Operation in over current protection is considered as “outside” normal
operating range. Protection features are not designed for continuous repetitive operation.
6) Pulse shape represents inductive switch off: ID(t) = ID(0) × (1 - t / tpulse); 0 < t < tpulse
7) ESD resistivity, HBM according to EIA/JESD 22-A 114B (1.5 k
Ω, 100 pF)
Absolute Maximum Ratings (cont’d)1)
T
j = -40 to +150 °C; all voltages with respect to ground
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit Conditions
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com