Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS6480SF Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # BTS6480SF
Description  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 18Page - Infineon Technologies AG BTS6480SF Datasheet HTML 19Page - Infineon Technologies AG BTS6480SF Datasheet HTML 20Page - Infineon Technologies AG BTS6480SF Datasheet HTML 21Page - Infineon Technologies AG BTS6480SF Datasheet HTML 22Page - Infineon Technologies AG BTS6480SF Datasheet HTML 23Page - Infineon Technologies AG BTS6480SF Datasheet HTML 24Page - Infineon Technologies AG BTS6480SF Datasheet HTML 25Page - Infineon Technologies AG BTS6480SF Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
Data Sheet
22
Rev. 1.0, 2010-04-12
SPOC - BTS6480SF
Power Stages
6.6
Electrical Characteristics
Electrical Characteristics Power Stages
Unless otherwise specified:
V
BB = 8 V to 17 V, VDD = 3.0 V to 5.5 V, Tj = -40 °C to +150 °C
typical values:
V
BB = 13.5 V, VDD = 4.3 V, Tj = 25 °C
Pos. Parameter
Symbol
Limit Values
Unit Test Conditions
min. typ. max.
Output Characteristics
6.6.1 On-state resistance
R
DS(ON)
m
Ω
channel 0, 1
–
–
3.5
7
–
9
I
L = 7.5 A
1) T
j = 25 °C
T
j = 150 °C
channel 2, 3
–
–
–
–
11
22
39
78
–
28
–
100
HWCR.LEDn = 0
I
L = 2.6 A
1) T
j = 25 °C
T
j = 150 °C
HWCR.LEDn = 1
I
L = 0.6 A
1) T
j = 25 °C
T
j = 150 °C
6.6.2 Output clamp
V
DS(CL)
V
channel 0, 1
32
40
–
–
54
55
T
j = 25 °C
I
L = 20 mA
1) T
j = 150 °C
I
L = 6 A
channel 2, 3
32
40
–
–
54
55
T
j = 25 °C
I
L = 20 mA
1) T
j = 150 °C
I
L = 2 A
6.6.3 Output leakage current per channel in
stand-by
I
L(OFFSTB)
µA
OUT.OUTn = 0
DCR.MUX = 111
channel 0, 1
–
–
–
–
–
–
2
10
50
T
j = 25 °C
1) T
j = 85 °C
1) T
j = 105 °C
channel 2, 3
–
–
–
–
–
–
1
4
20
T
j = 25 °C
1) T
j = 85 °C
1) T
j = 105 °C
6.6.4 Output leakage current per channel in idle
mode
I
L(OFFidle)
µA
OUT.OUTn = 0
DCR.MUX
≠ 111
channel 0, 1
–
–
–
–
–
–
60
80
530
1) T
j = 85 °C
1) T
j = 105 °C
T
j = 150 °C
channel 2, 3
–
–
–
–
–
–
45
50
230
1) T
j = 85 °C
1) T
j = 105 °C
T
j = 150 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com