Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS6480SF Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # BTS6480SF
Description  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 20Page - Infineon Technologies AG BTS6480SF Datasheet HTML 21Page - Infineon Technologies AG BTS6480SF Datasheet HTML 22Page - Infineon Technologies AG BTS6480SF Datasheet HTML 23Page - Infineon Technologies AG BTS6480SF Datasheet HTML 24Page - Infineon Technologies AG BTS6480SF Datasheet HTML 25Page - Infineon Technologies AG BTS6480SF Datasheet HTML 26Page - Infineon Technologies AG BTS6480SF Datasheet HTML 27Page - Infineon Technologies AG BTS6480SF Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
Data Sheet
24
Rev. 1.0, 2010-04-12
SPOC - BTS6480SF
Power Stages
Timings
6.6.10 Turn-ON delay to 10%
V
BB
t
delay(ON)
µs
1) V
BB = 13.5 V
channel 0, 1
–
25
–
–
channel 2, 3
–
–
20
12
–
–
HWCR.LEDn = 0
HWCR.LEDn = 1
6.6.11 Turn-OFF delay to 90%
V
BB
t
delay(OFF)
µs
1) V
BB = 13.5 V
channel 0, 1
–
75
–
–
channel 2, 3
–
–
50
20
–
–
HWCR.LEDn = 0
HWCR.LEDn = 1
6.6.12 Turn-ON time to
90% VBB including turn-ON delay
t
ON
µs
V
BB = 13.5 V
DCR.MUX
≠ 111
channel 0, 1
–
–
100
R
L = 2.2 Ω
channel 2, 3
–
–
–
–
100
50
HWCR.LEDn = 0
R
L = 6.8 Ω
HWCR.LEDn = 1
R
L = 33 Ω
6.6.13 Turn-OFF time to
10%
V
BB including turn-OFF delay
t
OFF
µs
V
BB = 13.5 V
channel 0, 1
–
–
150
R
L = 2.2 Ω
channel 2, 3
–
–
–
–
110
50
HWCR.LEDn = 0
R
L = 6.8 Ω
HWCR.LEDn = 1
R
L = 33 Ω
6.6.14 Turn-ON rise time from 10% to
90% VBB
t
ON(rise)
µs
V
BB = 13.5 V
DCR.MUX
≠ 111
channel 0, 1
–
–
55
R
L = 2.2 Ω
channel 2, 3
–
–
–
–
55
11
HWCR.LEDn = 0
R
L = 6.8 Ω
HWCR.LEDn = 1
R
L = 33 Ω
6.6.15 Turn-OFF fall time from 90% to
10%
V
BB
t
OFF(fall)
µs
V
BB = 13.5 V
channel 0, 1
–
–
55
R
L = 2.2 Ω
channel 2, 3
–
–
–
–
55
11
HWCR.LEDn = 0
R
L = 6.8 Ω
HWCR.LEDn = 1
R
L = 33 Ω
Electrical Characteristics Power Stages (cont’d)
Unless otherwise specified:
V
BB = 8 V to 17 V, VDD = 3.0 V to 5.5 V, Tj = -40 °C to +150 °C
typical values:
V
BB = 13.5 V, VDD = 4.3 V, Tj = 25 °C
Pos. Parameter
Symbol
Limit Values
Unit Test Conditions
min. typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com