Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS6480SF Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # BTS6480SF
Description  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 17Page - Infineon Technologies AG BTS6480SF Datasheet HTML 18Page - Infineon Technologies AG BTS6480SF Datasheet HTML 19Page - Infineon Technologies AG BTS6480SF Datasheet HTML 20Page - Infineon Technologies AG BTS6480SF Datasheet HTML 21Page - Infineon Technologies AG BTS6480SF Datasheet HTML 22Page - Infineon Technologies AG BTS6480SF Datasheet HTML 23Page - Infineon Technologies AG BTS6480SF Datasheet HTML 24Page - Infineon Technologies AG BTS6480SF Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
SPOC - BTS6480SF
Power Stages
Data Sheet
21
Rev. 1.0, 2010-04-12
6.5
External Driver Control
Two external smart power drivers can be driven by the SPOC - BTS6480SF via the external driver control block.
For each external driver there are two control outputs available: one output for controlling the input (EDOx) and
one output for diagnosis enable input (EDDx). The current sense output of the external smart power drivers can
be connected to the IS pin. For details please refer to Figure 30.
The external driver outputs can be used only with applied
V
DD voltage. The external driver outputs are internally
pulled down. The external drivers can be activated via SPI-bits OUT.OUT4 and OUT.OUT5 or via the input pin
IN3 in assigned drive mode. They will be served as well by the integrated automatic PWM-generation. Therefore,
the according PWM-frequency and duty cycle needs to be programmed.
For performing diagnosis on the external drivers they can be selected via the SPI register DCR.MUX. For being
compliant to PROFET+ diagnostic functions, it is possible to configure pin EDD0 as DEN and EDD1 as DSEL.
Therefore, the bit IECR.PRO+ needs to be set. The DSEL will be set depending on the multiplexer setting
DCR.MUX
.
Note: The usable duty cycle range and diagnostic timings for the external drivers depend on the external driver’s
characteristics.
Table 3
PROFET+ Compliancy
MUX Setting
DCR.MUX
EDD0 used as DEN
EDD1 used as DSEL
100b
10
101b
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com