Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YOS3C Datasheet(PDF) 5 Page - GREATECS

Part # YOS3C
Description  96RGBx96 (1.10") OLED Display
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

YOS3C Datasheet(HTML) 5 Page - GREATECS

  YOS3C Datasheet HTML 1Page - GREATECS YOS3C Datasheet HTML 2Page - GREATECS YOS3C Datasheet HTML 3Page - GREATECS YOS3C Datasheet HTML 4Page - GREATECS YOS3C Datasheet HTML 5Page - GREATECS YOS3C Datasheet HTML 6Page - GREATECS YOS3C Datasheet HTML 7Page - GREATECS YOS3C Datasheet HTML 8Page - GREATECS YOS3C Datasheet HTML 9Page - GREATECS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
OLED Display Module
96RGBx96 (1.10”) OLED Display
YOS3C
sales@greatecs.com
www.greatecs.com
5
TIMING CHART
1.
68XX-Series MPU Parallel Interface Timing Characteristics
Symbol
Description
Min
Max
Unit
Port
tAH6
Address Setup Timing
(Read)
(Write)
10
5
-
-
ns
ns
CSB
RS
tAS6
Address Hold Timing
(Read)
(Write)
10
5
-
-
ns
ns
TCYC6
0
0
2
g
n
i
m
i
T
e
l
c
y
C
m
e
t
s
y
S
-
ns
E
tELR6
0
9
h
t
d
i
W
e
s
l
u
P
”
L
“
d
a
e
R
-
ns
tEHR6
0
9
h
t
d
i
W
e
s
l
u
P
”
H
“
d
a
e
R
-
ns
TCYC6
0
0
1
g
n
i
m
i
T
e
l
c
y
C
m
e
t
s
y
S
-
ns
tELW6 Write “L” Pulse Width
45
-
ns
tEHW6 Write “H” Pulse Width
45
-
ns
tRDD6 Read Data Output Delay Time
*CL**15PF
Data Hold Timing
0
70
ns
D[17:9]
tRDH6
0
70
ns
tDS6
Data Setup Timing
40
-
ns
tDH6
0
1
g
n
i
m
i
T
d
l
o
H
a
t
a
D
-ns
(VDD = 2.8V, Ta = 25 C)
* All the timing reference is 10% and 90% of VDD
(Read Timing)
(Write Timing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com