Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YOS3C Datasheet(PDF) 2 Page - GREATECS

Part # YOS3C
Description  96RGBx96 (1.10") OLED Display
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

YOS3C Datasheet(HTML) 2 Page - GREATECS

  YOS3C Datasheet HTML 1Page - GREATECS YOS3C Datasheet HTML 2Page - GREATECS YOS3C Datasheet HTML 3Page - GREATECS YOS3C Datasheet HTML 4Page - GREATECS YOS3C Datasheet HTML 5Page - GREATECS YOS3C Datasheet HTML 6Page - GREATECS YOS3C Datasheet HTML 7Page - GREATECS YOS3C Datasheet HTML 8Page - GREATECS YOS3C Datasheet HTML 9Page - GREATECS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
OLED Display Module
96RGBx96 (1.10”) OLED Display
YOS3C
sales@greatecs.com
www.greatecs.com
2
PIN ASSIGNMENTS
n
o
i
t
c
n
u
F
e
p
y
T
l
o
b
m
y
S
.
o
N
n
i
P
1
VDD
P
Power Supply for Core VDD
This is a voltage supply pin. It must be connected to external source.
2
VSS
P
Ground for System
This is a ground pin. It must be connected to external source.
3SW
I
Terminal of Switch. Normally Open.
4SW
I
Terminal of Switch. Normally Open.
5
C80
I
Select the CPU Type
Low: 80XX-Series MCU
High: 68XX-Series MCU
6
PS
I
Select Parallel/Serial Interface Type
Low: Serial Interface
High: Parallel Interface
7
CS#
I
Chip Select
This is the chip select input. The chip is enable for MCU
communication only when CS# is pulled low.
8
RES#
I
Power Reset for Controller and Drive
This is reset signal input. When the pin is low, initialization of the chip
is executed.
9
D/C#
I
Data/ Command Control
This pin is Data/Command control pin. When the pin is pulled high, the
input at D0~D7 is treated as display data. When the pin is pulled low,
the input at D0~D7 will be transferred to the command register.
10
WR#
(R/W#)
I
Write or Read/Write Select
When 80xx interface mode is selected, the pin will be the Write (WR#)
input.
When interfacing to a 68xx-series microprocessor, the pin will be used
as Read/Write (R/W#) selection input. Pull this pin to “High” for read
mode and pull it to “Low” for write mode.
11
RD#(E)
I
Read or Read/Write Enable
When 80xx interface mode is selected, the pin will be the Read (RD#)
input.
When interfacing to a 68xx-series microprocessor, the pin will be used
as the Enable (E) signal. Read/Write operation is initiated when this pin
is pulled high and the CS# is pulled low.
12
NC
-
Reserved Pin
13~20
D0~D7
I/O
Host Data Input /Output Bus
These pins are 8-bit bi-directional data bus to be connected to the
microprocessor’s data bus.
n
o
i
t
p
i
r
c
s
e
D
S
P
0
D[0] SCL: Synchronous Clock Input
D[1] SDI: Serial Data Input
D[2]: SDO: Serial Data Output
D[3] R/W: Serial Read (High) / Write (Low)
1
8-bit Bus: D[7:0]
When using SPI, the unused pins must be connected to VSS.
21
VSS
P
Ground for System
This is a ground pin. It must be connected to external source.
22
VCC-CTL
I
OLED Driver Power Supply ON/ OFF Control
When this pin is pulled high, the panel power supply will be turned ON.
When this pin is pulled low, the panel power supply will be turned OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com