Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YOS3C Datasheet(PDF) 6 Page - GREATECS

Part # YOS3C
Description  96RGBx96 (1.10") OLED Display
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

YOS3C Datasheet(HTML) 6 Page - GREATECS

Back Button YOS3C Datasheet HTML 2Page - GREATECS YOS3C Datasheet HTML 3Page - GREATECS YOS3C Datasheet HTML 4Page - GREATECS YOS3C Datasheet HTML 5Page - GREATECS YOS3C Datasheet HTML 6Page - GREATECS YOS3C Datasheet HTML 7Page - GREATECS YOS3C Datasheet HTML 8Page - GREATECS YOS3C Datasheet HTML 9Page - GREATECS YOS3C Datasheet HTML 10Page - GREATECS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
OLED Display Module
96RGBx96 (1.10”) OLED Display
YOS3C
sales@greatecs.com
www.greatecs.com
6
TIMING CHART
2.
80XX-Series MPU Parallel Interface Timing Characteristics
Symbol
Description
Min
Max
Unit
Port
tAS8
Address Setup Timing
5
-
ns
CSB
A0
tAH8
Address Hold Timing
5
-
ns
tCYC8
System Cycle Timing
200
-
ns
RDB
tRDLR8
Read “L” Pulse Width
90
-
ns
t RDHR8
Read “H” Pulse Width
90
-
ns
tCYC8
System Cycle Timing
100
-
ns
WRB
tWRLW8 Write “L” Pulse Width
45
-
ns
tWRHW8 Write “H” Pulse Width
45
-
ns
tRDD8
Read Data Output Delay Time
*CL = 15PF
Data Hold Timing
-60
ns
D[7:0]
tRDH8
060
ns
tDS8
s
n
-
0
3
g
n
i
m
i
T
p
u
t
e
S
a
t
a
D
tDH8
s
n
-
0
1
g
n
i
m
i
T
d
l
o
H
a
t
a
D
(VDD = 2.8V, Ta = 25 C)
* All the timing reference is 10% and 90% of VDD.
(Read Timing)
(Write Timing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com